Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8543I Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS8543I
Description  Four differential LVDS output pairs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8543I Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS8543I Datasheet HTML 1Page - Integrated Device Technology ICS8543I Datasheet HTML 2Page - Integrated Device Technology ICS8543I Datasheet HTML 3Page - Integrated Device Technology ICS8543I Datasheet HTML 4Page - Integrated Device Technology ICS8543I Datasheet HTML 5Page - Integrated Device Technology ICS8543I Datasheet HTML 6Page - Integrated Device Technology ICS8543I Datasheet HTML 7Page - Integrated Device Technology ICS8543I Datasheet HTML 8Page - Integrated Device Technology ICS8543I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ICS8543BGI REVISION E NOVEMBER 15, 2012
4
©2012 Integrated Device Technology, Inc.
ICS8543I Data Sheet
LOW SKEW, 1-to-4, DIFFERENTIAL-TO-LVDS FANOUT BUFFER
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress
specifications only. Functional operation of product at these conditions or any conditions beyond those listed in the DC Characteristics or AC
Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VDD = 3.3V ± 5%, TA = -40°C to 85°C
Table 4B. LVCMOS/LVTTL DC Characteristics, VDD = 3.3V ± 5%, TA = -40°C to 85°C
Table 4C. Differential DC Characteristics, VDD = 3.3V ± 5%, TA = -40°C to 85°C
NOTE 1: VIL should not be less than -0.3V.
NOTE 2: Common mode input voltage is defined as VIH.
Item
Rating
Supply Voltage, VDD
4.6V
Inputs, VI
-0.5V to VDD + 0.5V
Outputs, IO
Continuos Current
Surge Current
10mA
15mA
Package Thermal Impedance,
JA
73.2
C/W (0 lfpm)
Storage Temperature, TSTG
-65
C to 150C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Positive Supply Voltage
3.135
3.3
3.465
V
IDD
Power Supply Current
50
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
2
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.8
V
IIH
Input High Current
OE, CLK_EN
VDD = VIN = 3.465V
5
µA
CLK_SEL
VDD = VIN = 3.465V
150
µA
IIL
Input Low Current
OE, CLK_EN
VDD = 3.465V, VIN = 0V
-150
µA
CLK_SEL
VDD = 3.465V, VIN = 0V
-5
µA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High Current
CLK
VDD = VIN = 3.465V
150
µA
nCLK
VDD = VIN = 3.465V
5
µA
IIL
Input Low Current
CLK
VDD = 3.465V, VIN = 0V
-5
µA
nCLK
VDD = 3.465V, VIN = 0V
-150
µA
VPP
Peak-to-Peak Voltage; NOTE 1
0.15
1.3
V
VCMR
Common Mode Input Voltage;
NOTE 1, 2
0.5
VDD – 0.85
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com