Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8543I Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS8543I
Description  Four differential LVDS output pairs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8543I Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS8543I Datasheet HTML 7Page - Integrated Device Technology ICS8543I Datasheet HTML 8Page - Integrated Device Technology ICS8543I Datasheet HTML 9Page - Integrated Device Technology ICS8543I Datasheet HTML 10Page - Integrated Device Technology ICS8543I Datasheet HTML 11Page - Integrated Device Technology ICS8543I Datasheet HTML 12Page - Integrated Device Technology ICS8543I Datasheet HTML 13Page - Integrated Device Technology ICS8543I Datasheet HTML 14Page - Integrated Device Technology ICS8543I Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ICS8543BGI REVISION E NOVEMBER 15, 2012
11
©2012 Integrated Device Technology, Inc.
ICS8543I Data Sheet
LOW SKEW, 1-to-4, DIFFERENTIAL-TO-LVDS FANOUT BUFFER
LVPECL Clock Input Interface
The PCLK /nPCLK accepts LVPECL, CML, SSTL and other
differential signals. Both signals must meet the VPP and VCMR input
requirements. Figures 4A to 4F show interface examples for the S
PCLK/nPCLK input driven by the most common driver types. The
input interfaces suggested here are examples only. If the driver is
from another vendor, use their termination recommendation. Please
consult with the vendor of the driver component to confirm the driver
termination requirements.
Figure 4A. PCLK/nPCLK Input Driven by a
CML Driver
Figure 4C. PCLK/nPCLK Input Driven by a
3.3V LVPECL Driver
Figure 4E. PCLK/nPCLK Input Driven by an
SSTL Driver
Figure 4B. PCLK/nPCLK Input Driven by a
Built-In Pullup CML Driver
Figure 4D. PCLK/nPCLK Input Driven by a
3.3V LVPECL Driver with AC Couple
Figure 4F. PCLK/nPCLK Input Driven by a
3.3V LVDS Driver
PCLK
nPCLK
LVPECL
Input
CML
3.3V
Zo = 50
Ω
Zo = 50
Ω
3.3V
3.3V
R1
50
Ω
R2
50
Ω
R3
125
Ω
R4
125
Ω
R1
84
Ω
R2
84
Ω
3.3V
Zo = 50
Ω
Zo = 50
Ω
PCLK
nPCLK
3.3V
3.3V
LVPECL
LVPECL
Input
PCLK
nPCLK
LVPECL
Input
SSTL
2.5V
Zo = 60
Ω
Zo = 60
Ω
2.5V
3.3V
R1
120
R2
120
R3
120
R4
120
3.3V
R1
100
Ω
CML Built-In Pullup
PCLK
nPCLK
3.3V
LVPECL
Input
Zo = 50
Ω
Zo = 50
Ω
R3
84
R4
84
R1
125
R2
125
R5
100 - 200
R6
100 - 200
PCLK
nPCLK
3.3V LVPECL
3.3V
Zo = 50
Ω
Zo = 50
Ω
3.3V
3.3V
LVPECL
Input
C1
C2
3.3V
R1
100
Ω
LVDS
PCLK
nPCLK
3.3V
LVPECL
Input
Zo = 50
Ω
Zo = 50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com