Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8543I Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS8543I
Description  Four differential LVDS output pairs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8543I Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS8543I Datasheet HTML 1Page - Integrated Device Technology ICS8543I Datasheet HTML 2Page - Integrated Device Technology ICS8543I Datasheet HTML 3Page - Integrated Device Technology ICS8543I Datasheet HTML 4Page - Integrated Device Technology ICS8543I Datasheet HTML 5Page - Integrated Device Technology ICS8543I Datasheet HTML 6Page - Integrated Device Technology ICS8543I Datasheet HTML 7Page - Integrated Device Technology ICS8543I Datasheet HTML 8Page - Integrated Device Technology ICS8543I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DATA SHEET
Low Skew, 1-to-4,
Differential-to-LVDS Fanout Buffer
ICS8543I
ICS8543BGI REVISION E NOVEMBER 15, 2012
1
©2012 Integrated Device Technology, Inc.
General Description
The ICS8543I is a low skew, high performance 1-to-4 Differen-
tial-to-LVDS Clock Fanout Buffer. Utilizing Low Voltage Differential
Signaling (LVDS) the ICS8543I provides a low power, low noise, so-
lution for distributing clock signals over controlled impedances of
100
. The ICS8543I has two selectable clock inputs. The CLK,
nCLK pair can accept most standard differential input levels. The
PCLK, nPCLK pair can accept LVPECL, CML, or SSTL input levels.
The clock enable is internally synchronized to eliminate runt pulses
on the outputs during asynchronous assertion/deassertion of the
clock enable pin.
Guaranteed output and part-to-part skew characteristics make the
ICS8543I ideal for those applications demanding well defined perfor-
mance and repeatability.
Features
• Four differential LVDS output pairs
• Selectable differential CLK/nCLK or LVPECL clock inputs
• CLK/nCLK pair can accept the following differential input levels:
LVPECL, LVDS, LVHSTL, SSTL, HCSL
• PCLK/nPCLK pair can accept the following differential input
levels: LVPECL, CML, SSTL
• Maximum output frequency: 650MHz
• Translates any single-ended input signals to LVDS levels with
resistor bias on nCLK input
• Additive phase Jitter, RMS: 0.164ps (typical)
• Output skew: 40ps (maximum)
• Part-to-part skew: 600ps (maximum)
• Propagation delay: 2.6ns (maximum)
• Full 3.3Vsupply mode
• -40°C to 85°C ambient operating temperature
• Available in lead-free packages
Block Diagram
Pin Assignment
ICS8543I
20-Lead TSSOP
6.5mm x 4.4mm x 0.925
mm
package body
G Package
Top View
0
1
D
Q
LE
0
1
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
CLK_EN
CLK
CLK_SEL
OE
Pulldown
Pulldown
nCLK Pullup
Pullup
Pullup
PCLK Pulldown
nPCLK Pullup
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
OE
nPCLK
PCLK
nCLK
CLK
CLK_SEL
CLK_EN
GND
VDD
Q0
nQ0
VDD
Q1
nQ1
Q2
nQ2
GND
Q3
nQ3


Similar Part No. - ICS8543I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8543I RENESAS-ICS8543I Datasheet
820Kb / 18P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
2019
More results

Similar Description - ICS8543I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V34S204 IDT-8V34S204 Datasheet
728Kb / 22P
Four differential LVDS output pairs
8V34S208 IDT-8V34S208 Datasheet
662Kb / 21P
Eight differential LVDS output pairs
ICS8S89832I IDT-ICS8S89832I Datasheet
712Kb / 16P
Four differential LVDS output pairs
ICS8S89833I IDT-ICS8S89833I Datasheet
722Kb / 16P
Four differential LVDS outputs
ICS854S1208I IDT-ICS854S1208I Datasheet
1Mb / 19P
Eight differential LVDS output pairs
ICS859S0424I IDT-ICS859S0424I Datasheet
909Kb / 24P
Four programmable differential LVPECL or LVDS output pairs
ICS854S058I IDT-ICS854S058I Datasheet
450Kb / 16P
One differential LVDS output pair
logo
MTRONPTI
M3028 MTRONPTI-M3028 Datasheet
214Kb / 6P
LVPECL/LVDS Differential Output
M2058 MTRONPTI-M2058 Datasheet
323Kb / 6P
LVPECL/LVDS Differential Output
M2075 MTRONPTI-M2075 Datasheet
201Kb / 5P
LVPECL/LVDS Differential Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com