Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8543I Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS8543I
Description  Four differential LVDS output pairs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8543I Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS8543I Datasheet HTML 9Page - Integrated Device Technology ICS8543I Datasheet HTML 10Page - Integrated Device Technology ICS8543I Datasheet HTML 11Page - Integrated Device Technology ICS8543I Datasheet HTML 12Page - Integrated Device Technology ICS8543I Datasheet HTML 13Page - Integrated Device Technology ICS8543I Datasheet HTML 14Page - Integrated Device Technology ICS8543I Datasheet HTML 15Page - Integrated Device Technology ICS8543I Datasheet HTML 16Page - Integrated Device Technology ICS8543I Datasheet HTML 17Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ICS8543BGI REVISION E NOVEMBER 15, 2012
13
©2012 Integrated Device Technology, Inc.
ICS8543I Data Sheet
LOW SKEW, 1-to-4, DIFFERENTIAL-TO-LVDS FANOUT BUFFER
Power Considerations
This section provides information on power dissipation and junction temperature for the ICS8543I.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the ICS8543I is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for VDD = 3.3V + 5% = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
•
Power (core)MAX = VDD_MAX * IDD_MAX = 3.465V * 50mA = 173.25mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the device. The
maximum recommended junction temperature is 125°C.
The equation for Tj is as follows: Tj =
JA * Pd_total + TA
Tj = Junction Temperature
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
JA must be used. Assuming no air flow and
a multi-layer board, the appropriate value is 73.2°C/W per Table 6 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.173W * 73.2°C/W = 97.7°C. This is well below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type of
board (single layer or multi-layer).
Table 6. Thermal Resitance JA for 20 Lead TSSOP, Forced Convection
JA by Velocity
Linear Feet per Minute
0200
500
Single-Layer PCB, JEDEC Standard Test Boards
114.5°C/W
98.0°C/W
88.0°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
73.2°C/W
66.6°C/W
63.5°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com