Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8543I Datasheet(PDF) 16 Page - Integrated Device Technology

Part # ICS8543I
Description  Four differential LVDS output pairs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8543I Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button ICS8543I Datasheet HTML 9Page - Integrated Device Technology ICS8543I Datasheet HTML 10Page - Integrated Device Technology ICS8543I Datasheet HTML 11Page - Integrated Device Technology ICS8543I Datasheet HTML 12Page - Integrated Device Technology ICS8543I Datasheet HTML 13Page - Integrated Device Technology ICS8543I Datasheet HTML 14Page - Integrated Device Technology ICS8543I Datasheet HTML 15Page - Integrated Device Technology ICS8543I Datasheet HTML 16Page - Integrated Device Technology ICS8543I Datasheet HTML 17Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
ICS8543BGI REVISION E NOVEMBER 15, 2012
16
©2012 Integrated Device Technology, Inc.
ICS8543I Data Sheet
LOW SKEW, 1-to-4, DIFFERENTIAL-TO-LVDS FANOUT BUFFER
Revision History Sheet
Rev
Table
Page
Description of Change
Date
A
3
Updated Figure 1, CLK_EN Timing Diagram.
10/17/01
A
3
Updated Figure 1, CLK_EN Timing Diagram.
11/2/01
A
1
6 - 10
Features section, Bullet 6 to read 3.3V LVDS levels instead of LVPECL.
Updated Parameter Measurement Information figures.
5/6/02
B
4E
1
5
Features - deleted bullet "Designed to meet or exceed the requirements of
ANSI TIA/EIA-644".
LVDS Table - changed VOD typical value from 350mV to 280mV.
9/19/02
C
T2
2
4
9
10
11
Pin Characteristics - changed CIN 4pF max. to 4pF typical.
Absolute Maximum Ratings - changed Output rating.
Added Differential Clock Input Interface section.
Added LVPECL Clock Input Interface section.
Added LVDS Driver Termination section.
Updated format throughout data sheet.
1/5/04
D
T4B
T9
1
3
4
10
11
12
13
15
Features section - added lead-free bullet.
Updated Figure 1, CLK_EN Timing Diagram.
LVCMOS DC Characteristics Table - corrected typo in VIH max. from
VDD - 0.3V to VDD + 0.3V.
Updated Differential Clock Input Interface section.
Updated LVPECL Clock Input Interface section.
Added Recommendation for Unused Input and Output Pins section.
Added Power Considerations section.
Ordering Information Table - added lead-free Part/Order Number, Marking and note.
Updated format throughout the datasheet.
2/27/08
E
T5
1
6
7
9
Features Section - added Additive Phase Jitter bullet.
AC Characteristics Table - added Additive Phase Jitter spec.
Added Additive Phase Jitter Plot.
Parameter Measurement Information - updated Output Rise/Fall Time diagram.
9/9/08
E
T9
All
1, 10, 11
11
12
15
Updated format throughout the datasheet.
Deleted HiPerClockS references throughout.
Updated figure 4D.
Updated LVDS Driver Termination section.
Deleted quantity from Tape & Reel.
10/8/12
E
T9
15
Removed leaded orderable parts from the Ordering Information table
11/15/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com