Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8543I Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS8543I
Description  Four differential LVDS output pairs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8543I Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS8543I Datasheet HTML 6Page - Integrated Device Technology ICS8543I Datasheet HTML 7Page - Integrated Device Technology ICS8543I Datasheet HTML 8Page - Integrated Device Technology ICS8543I Datasheet HTML 9Page - Integrated Device Technology ICS8543I Datasheet HTML 10Page - Integrated Device Technology ICS8543I Datasheet HTML 11Page - Integrated Device Technology ICS8543I Datasheet HTML 12Page - Integrated Device Technology ICS8543I Datasheet HTML 13Page - Integrated Device Technology ICS8543I Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ICS8543BGI REVISION E NOVEMBER 15, 2012
10
©2012 Integrated Device Technology, Inc.
ICS8543I Data Sheet
LOW SKEW, 1-to-4, DIFFERENTIAL-TO-LVDS FANOUT BUFFER
Differential Clock Input Interface
The CLK /nCLK accepts LVDS, LVPECL, LVHSTL, SSTL, HCSL and
other differential signals. Both signals must meet the VPP and VCMR
input requirements. Figures 3A to 3F show interface examples for the
CLK/nCLK input driven by the most common driver types. The input
interfaces suggested here are examples only. Please consult with the
vendor of the driver component to confirm the driver termination
requirements. For example, in Figure 3A, the input termination
applies for IDT open emitter LVHSTL drivers. If you are using an
LVHSTL driver from another vendor, use their termination
recommendation.
Figure 3A. CLK/nCLK Input Driven by an
IDT Open Emitter LVHSTL Driver
Figure 3C. CLK/nCLK Input Driven by a
3.3V LVPECL Driver
Figure 3E. CLK/nCLK Input Driven by a
3.3V HCSL Driver
Figure 3B. CLK/nCLK Input Driven by a
3.3V LVPECL Driver
Figure 3D. CLK/nCLK Input Driven by a
3.3V LVDS Driver
Figure 3F. CLK/nCLK Input Driven by a
2.5V SSTL Driver
R1
50
Ω
R2
50
Ω
1.8V
Zo = 50
Ω
Zo = 50
Ω
CLK
nCLK
3.3V
LVHSTL
IDT
LVHSTL Driver
Differential
Input
R3
125
Ω
R4
125
Ω
R1
84
Ω
R2
84
Ω
3.3V
Zo = 50
Ω
Zo = 50
Ω
CLK
nCLK
3.3V
3.3V
LVPECL
Differential
Input
HCSL
*R3
33
Ω
*R4
33
Ω
CLK
nCLK
3.3V
3.3V
Zo = 50
Ω
Zo = 50
Ω
Differential
Input
R1
50
Ω
R2
50
Ω
*Optional – R3 and R4 can be 0
Ω
CLK
nCLK
Differential
Input
LVPECL
3.3V
Zo = 50
Ω
Zo = 50
Ω
3.3V
R1
50
Ω
R2
50
Ω
R2
50
Ω
3.3V
R1
100
Ω
LVDS
CLK
nCLK
3.3V
Receiver
Zo = 50
Ω
Zo = 50
Ω
CLK
nCLK
Differential
Input
SSTL
2.5V
Zo = 60
Ω
Zo = 60
Ω
2.5V
3.3V
R1
120
Ω
R2
120
Ω
R3
120
Ω
R4
120
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com