Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT-ROUTER5000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FT-ROUTER5000
Description  3.3V operation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT-ROUTER5000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FT-ROUTER5000 Datasheet HTML 1Page - List of Unclassifed Manufacturers FT-ROUTER5000 Datasheet HTML 2Page - List of Unclassifed Manufacturers FT-ROUTER5000 Datasheet HTML 3Page - List of Unclassifed Manufacturers FT-ROUTER5000 Datasheet HTML 4Page - List of Unclassifed Manufacturers FT-ROUTER5000 Datasheet HTML 5Page - List of Unclassifed Manufacturers FT-ROUTER5000 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Proven, Safe Choice
The FT Router 5000 IC is an Echelon
semiconductor product that is used to build
half routers and full routers. The FT Router
5000 IC is based on the Echelon FT 5000
Smart Transceiver and can be used to build
a FT-10 channel halfrouter with LONWORKS®
communication channel to route LonTalk®
messages. An Echelon router can support
installation of networks with up to
thousands of nodes.
The FT Router 5000 IC includes the Router
firmware required to implement a half
router. Its compact form factor minimizes
the space required to develop a half router.
Customers can develop two half routers to
build a full router. Customers will need to
use the FT-X3 communications transformer
to connect to the network. The Router
parameters are stored in an external
EEPROM with a minimum size of 2 KB. For
a full router design, customers can use the
same crystal and the same power supply
to implement the clock needed for the two
half routers. This offers the flexibility for
customers to incorporate the FT Router
5000 IC into their design for a higher level
of integration.
The FT Router 5000 IC can use one of
four routing algorithms: configured router,
learning router, bridge or repeater. The
ability to choose these options allows the
customer to trade off system performance
for ease of installation.
Configured and learning routers fall into
a class of routers known as intelligent
routers, which use routing tables to
selectively forward messages based on
the destination address.
A router configured as a bridge forwards
all valid packets that match its domains,
whereas a router functioning as a repeater
forwards all valid packets. Configured
routers are easily installed using an
installation tool such as the OpenLNS
Commissioning Tool and OpenLNS network
operating system that calculates network
topology and layer 4 timing parameters.
Usage
A FT Router 5000 based FT-10 channel half
router consists of the FT Router 5000 chip,
the FT-X3 communications transformer,
a crystal to generate the clock and an
external memory to hold the router table.
Two such half routers are used to build a
full router. A half router design that uses
FT Router 5000 can be used with another
half router to function as a repeater or
interface with other twisted pair physical
media such as RS-485, TP-78, TP-1250 or
LPT-11. It can also be used to implement
a FT-PL router using the PL 3150 Smart
Transceiver. The two half routers of a full
router are logically isolated so that a failure
in one half router will not affect the other
side’s network.
www.echelon.com
FT Router 5000
Build high performance half routers that increase the
scalability and surviveability of LONWORKS® control
networks while lowering the overall solution cost.
FT Router 5000 Key Features
3.3V operation
Higher-performance Neuron®
Core; internal system clock
scales up to 40 MHz; Larger
buffer size to allow for extended-
NVs and improved throughput
Serial interface for inexpensive-
external non-volatile EEPROM
and flash memories
Compliant with TP/FT-10
Channels
Low-cost surface mount FT-X3
Communications Transformer
Compact 7mm x 7mm 48-pin
QFN package
Logical Isolation between two
half routers improves system
reliability by isolating failures
between channels
-40°C to +85°C operating
temperature range


Similar Part No. - FT-ROUTER5000

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
FT-R31 PANASONIC-FT-R31 Datasheet
8Mb / 16P
Digital Fiber Sensor
FT-R40 PANASONIC-FT-R40 Datasheet
8Mb / 16P
Digital Fiber Sensor
FT-R41W PANASONIC-FT-R41W Datasheet
8Mb / 16P
Digital Fiber Sensor
FT-R42W PANASONIC-FT-R42W Datasheet
8Mb / 16P
Digital Fiber Sensor
logo
List of Unclassifed Man...
FT-R43 ETC-FT-R43 Datasheet
13Mb / 28P
Digital Fiber Sensor
More results

Similar Description - FT-ROUTER5000

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
F0530602B EUDYNA-F0530602B Datasheet
449Kb / 9P
3.3V Operation Laser Diode Driver
logo
White Electronic Design...
W72M64VK-XBX WEDC-W72M64VK-XBX Datasheet
555Kb / 16P
2Mx64 3.3V Simultaneous Operation Flash Multi-Chip Package
logo
Vectron International, ...
VCJ5 VECTRON-VCJ5_09 Datasheet
224Kb / 7P
3.3V or 2.5V Operation
logo
List of Unclassifed Man...
TRH031M ETC1-TRH031M Datasheet
1Mb / 73P
13.56MHz Multi-protocol RFID Reader chip, 3.3V operation voltage
logo
Texas Instruments
DS90LV019TMX TI-DS90LV019TMX Datasheet
211Kb / 12P
LVDS Signaling, 3.3V or 5.0V operation, Low power CMOS design
logo
TXC Corporation.
BX-SERIES TXC-BX-SERIES Datasheet
971Kb / 1P
3.3V and 2.5V operation available.
CB-SERIES TXC-CB-SERIES Datasheet
936Kb / 1P
3.3V and 2.5V operation available.
CF-SERIES TXC-CF-SERIES Datasheet
938Kb / 1P
3.3V and 2.5V operation available.
logo
Maxim Integrated Produc...
MAX3273EVKIT MAXIM-MAX3273EVKIT Datasheet
689Kb / 11P
Single 3.3V Power-Supply Operation
Rev 0; 9/01
MAX4213EVKIT MAXIM-MAX4213EVKIT Datasheet
68Kb / 4P
Single 3.3V/5V Operation
Rev 1; 6/98
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com