Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT-ROUTER5000 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FT-ROUTER5000
Description  3.3V operation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT-ROUTER5000 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FT-ROUTER5000 Datasheet HTML 1Page - List of Unclassifed Manufacturers FT-ROUTER5000 Datasheet HTML 2Page - List of Unclassifed Manufacturers FT-ROUTER5000 Datasheet HTML 3Page - List of Unclassifed Manufacturers FT-ROUTER5000 Datasheet HTML 4Page - List of Unclassifed Manufacturers FT-ROUTER5000 Datasheet HTML 5Page - List of Unclassifed Manufacturers FT-ROUTER5000 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Recommended FT Router 5000
Pad Layout
Figure 3: Recommended FT Router 5000
Pad Layout
FT Router 5000 IC Mechanical Specification
Table 2: Electrical Characteristics
FT Router 5000 Operating Conditions
VIN3V3
29
Power
3.3 V Power Input
VDD3V3
30
Power
3.3 V Power
AVDD3V3
31
Power
3.3 V Power
NETN
32
Comm
Network Port (polarity insensitive)
AGND
33
Ground
Ground
NETP
34
Comm
Network Port (polarity insensitive)
NC
35
N/A
Do Not Connect
GND
36
Ground
Ground
TXON
37
Comm
TxActive for optional network activity LED
RXON
38
Comm
RxActive for optional network activity LED
CP4
39
Comm
Connect to VDD33 through a 4.99 kΩ pullup resistor
CS0~
40
Digital I/O for
Memory
SPI slave select 0 (active low)
VDD3V3
41
Power
3.3 V Power
VDD3V3
42
Power
3.3 V Power
SDA_CS1~
43
Digital I/O for
Memory
I
2C: serial data
SPI: slave select 1 (active low)
VDD1V8
44
Power
1.8 V Power Input
(from internal voltage regulator)
SCL
45
Digital I/O for
Memory
I
2C serial clock
MISO
46
Digital I/O for
Memory
SPI master input, slave output (MISO)
SCK
47
Digital I/O for
Memory
SPI serial clock
MOSI
48
Digital I/O for
Memory
SPI master output, slave input (MOSI)
PAD
49
Ground Pad
Ground
Pin Name Pin Number
Description
NETP
1
NETP connection from
FT 5000 Smart Transceiver
CTP1
2
Center tap primary 1
CTS2
3
Center tap secondary 2
NETA
4
NETA connection to
LonWorks network
CTP2
5
Center tap primary 2
NETN
6
NETN connection from
FT 5000 Smart Transceiver
NETB
7
NETB connection to
LonWorks network
CTS1
8
Center tap secondary 1
Table 3: FT-X3 Communications Transformer
Pin Assignments



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com