Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT-ROUTER5000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FT-ROUTER5000
Description  3.3V operation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT-ROUTER5000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FT-ROUTER5000 Datasheet HTML 1Page - List of Unclassifed Manufacturers FT-ROUTER5000 Datasheet HTML 2Page - List of Unclassifed Manufacturers FT-ROUTER5000 Datasheet HTML 3Page - List of Unclassifed Manufacturers FT-ROUTER5000 Datasheet HTML 4Page - List of Unclassifed Manufacturers FT-ROUTER5000 Datasheet HTML 5Page - List of Unclassifed Manufacturers FT-ROUTER5000 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A FT Router 5000 IC based LONWORKS half router consists of
the FT Router 5000 IC, the FT-X3 communications transformer,
a crystal to generate the clock and an external serial memory
to hold the router table. Two such half routers are used to build
a full router. A half router design that uses FT Router 5000 can
be used with a half router that uses the Router 5000 and an
external transceiver such as RS-485, TP-1250, TP-78, FTT-
10A or LPT-11 to implement a LONWORKS full router. The FT
Router 5000 IC can also be used to implement the FT section
of a FTPL router along with the PL 3150 Smart Transceiver to
implement the PL section. Additionally, the FT Router 5000 IC
offers higher reliability since two half routers of a full router are
logically isolated and a failure in one half router will not affect
the other side’s network.
LONWORKS application programs do not have to be modified
to work with routers. Only the network configuration of a
device has to be modified when a device is moved to the far
side of a router. The required modifications to the network
configuration can be done automatically by an installation
tool.
Routers are also independent of the network variables and
message tags in a system, and can forward an unlimited
number of them, which saves development cost because no
code development is required to use routers in a system.
It also saves installation and maintenance costs because
router configuration is automatically managed by network
server tools based on OpenLNS. Monitoring and control
applications, such as those based on the LCA Object Server
OCX, do not require modifications to work with multi-channel
networks when routers are used. All network configuration
is performed over the installed network, further minimizing
installation and maintenance costs because routers
do not have to be physically accessed to change their
configuration.
Figure 1: Block Diagram of the LONWORKS Router
based on the FT Router 5000
Figure 2: FT Router 5000 Chip Pinout
Table 1: FT Router 5000 Chip Pin Assignments
Below is a table of the pin assignments for the FT Router
5000 chip. All digital inputs are low-voltage transistor-
transistor logic (LVTTL) compatible, 5 V tolerant, with low
leakage. All digital inputs are low-voltage transistortransistor
logic (LVTTL) compatible, low leakage, 5V-tolerant. All digital
outputs are slew-rate limited to reduce Electromagnetic
Interference (EMI).
Name
Pin
Number
Type
Description
SVC~
1
Digital I/O
Service (active low)
IO0
2
Digital I/O
IO0 (side A to side B)
IO1
3
Digital I/O
IO1 (side A to side B)
IO2
4
Digital I/O
IO2 (side A to side B)
IO3
5
Digital I/O
IO3 (side A to side B)
VDD1V8
6
Power
1.8 V Power Input
(from internal voltage regulator)
IO4
7
Digital I/O
IO4 (side A to side B)
VDD3V3
8
Power
3.3 V Power
IO5
9
Digital I/O
IO5 (side A to side B)
IO6
10
Digital I/O
IO6 (side A to side B)
IO7
11
Digital I/O
IO7 (side A to side B)
IO8
12
Digital I/O
IO8 (side A to side B)
IO9
13
Digital I/O
IO9 (side A to side B)
IO10
14
Digital I/O
IO10 (side A to side B)
IO11
15
Digital I/O
IO11 (not used for routers)
VDD1V8
16
Power
1.8 V Power Input
(from internal voltage regulator)
TRST~
17
Digital Input
JTAG Test Reset (active low)
VDD3V3
18
Power
3.3 V Power
TCK
19
Digital Input
JTAG Test Clock
TMS
20
Digital Input
JTAG Test Mode Select
TDI
21
Digital Input
JTAG Test Data In
TDO
22
Digital Output
JTAG Test Data Out
XIN
23
Oscillator In
Crystal oscillator input
XOUT
24
Oscillator Out
Crystal oscillator output
VDDPLL
25
Power
1.8 V Power Input
(from internal voltage regulator)
GNDPLL
26
Power
Ground
VOUT1V8
27
Power
1.8 V Power Output
(of internal voltage regulator)
RST~
28
Digital I/O
Reset (active low)
VIN3V3
29
Power
3.3 V Power Input
VDD3V3
30
Power
3.3 V Power
AVDD3V3
31
Power
3.3 V Power
NETN
32
Comm
Network Port (polarity insensitive)
AGND
33
Ground
Ground
NETP
34
Comm
Network Port (polarity insensitive)
FT 5000
Smart Transceiver
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
GND
NC
NETP
AGND
NETN
AVDD3V3
VDD3V3
VIN3V3
RST~
VOUT1V8
GNDPLL
VDDPLL
GND PAD
Dashed line represents Pad (pin 49)
Pad must be connected to GND
SVC~
IO0
IO1
IO2
IO3
VDD1V8
IO4
VDD3V3
IO5
IO6
IO7
IO8
FT Router 5000
FT Router
5000
FT Router
5000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com