Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT-ROUTER5000 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FT-ROUTER5000
Description  3.3V operation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT-ROUTER5000 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FT-ROUTER5000 Datasheet HTML 1Page - List of Unclassifed Manufacturers FT-ROUTER5000 Datasheet HTML 2Page - List of Unclassifed Manufacturers FT-ROUTER5000 Datasheet HTML 3Page - List of Unclassifed Manufacturers FT-ROUTER5000 Datasheet HTML 4Page - List of Unclassifed Manufacturers FT-ROUTER5000 Datasheet HTML 5Page - List of Unclassifed Manufacturers FT-ROUTER5000 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FT-X3 Communications Transformer
Pin Descriptions
Figure 4: FT-X3 Communications Transformer
Pinout Diagram
Figure 4: FT-X3 Communications Transformer Electrical
Connection Schematic (winding connections are made on
the PCB)
Recommended FT-X3 Communications Transformer
Pad Layout
The FT-X3 Communications Transformer is rotationally
symmetric. Hence, the transformer package does not
have a marking for Pin 1.
Figure 5: FT-X3 Transformer SMT Layout
Pad Pattern
Notes
1. All dimensions are in millimeters.
2. Dimensions and tolerances conform to
ASME Y14.5M.-1994.
3. Package warpage max. 0.08 mm.
4. Package corners unless otherwise specified
are R0.175±0.025 mm.
Recommendation: Add vias to the ends of each pin pad
connection (just outside of the SMT pad rectangles) to
provide additional mechanical support for the transformer.
4.27 mm
13.5 mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com