Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT-ROUTER5000 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # FT-ROUTER5000
Description  3.3V operation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT-ROUTER5000 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  FT-ROUTER5000 Datasheet HTML 1Page - List of Unclassifed Manufacturers FT-ROUTER5000 Datasheet HTML 2Page - List of Unclassifed Manufacturers FT-ROUTER5000 Datasheet HTML 3Page - List of Unclassifed Manufacturers FT-ROUTER5000 Datasheet HTML 4Page - List of Unclassifed Manufacturers FT-ROUTER5000 Datasheet HTML 5Page - List of Unclassifed Manufacturers FT-ROUTER5000 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Specifications
Data Communications Type
Differential Manchester encoding
Network Polarity
Polarity insensitive
Isolation between Network and FT 5000 Router IC
0-60Hz, 60 seconds: 1,000Vrms; 0-60Hz, continuous:
277Vrms1
EMI
Designed to comply with FCC Part 15 Level B and EN55022
Level B
ESD
Designed to comply with EN 61000-4-2, Level 4
Radiated Electromagnetic Susceptibility
Designed to comply with EN 61000-4-3, Level 3
Fast Transient/Burst Immunity
Designed to comply with EN 61000-4-4, Level 4
Surge Immunity
Designed to comply with EN 61000-4-5, Level 3
Conducted RF Immunity
Designed to comply with EN 61000-4-6, Level 3
Transmission Speed
78 kilobits per second
Network Wiring
24 to 16AWG twisted pair; see Series 5000 Chip Data Book
or Junction Box and Wiring Guidelines engineering bulletin for
qualified cable types
Network Length in Free Topology
500m (1,640 feet) maximum total wire with no
repeaters.500m (1,640 feet) maximum device-to-device
distance.
Network Length in Doubly-terminated Bus Topology
22700m (8,850 feet) with no repeaters
Maximum Stub Length in Doubly-terminated Bus Topology
3m (9.8 feet)
Network Termination
One terminator in free topology; two terminators in bus
topology (more details in Series 5000 Chip Data Book).
Power-down Network Protection
High impedance when unpowered.
Operating Temperature
-40 to 85 °C
Operating Humidity
25-90% RH @50 °C, non-condensing
Non-operating Humidity
95% RH @ 50 °C, non-condensing
Vibration
1.5g peak-to-peak, 8Hz-2kHz
Mechanical Shock
100g (peak)
(FT-X3 Communications Transformer)
Reflow Soldering Temperature Profile
Refer to Joint Industry Standard document IPC/JEDEC J-STD-
020D.1 (March 2008).
Peak Reflow Soldering Temperature
260°C (FT 5000 Router)
245°C (FT-X3 Communications Transformer)
Co-planarity
0.12 mm (FT-X3 Communications Transformer)
Mass
6 g (FT-X3 Communications Transformer)
Notes
1. Safety agency hazardous voltage barrier requirements are
not supported.
2. Network segment length varies, depending on wire type. See
Junction Box and Wiring Guidelines engineering bulletin for
detailed specifications.
Ordering Information
FT Router 5000 14285R-100
FT-X3 Communications Transformer 14255R-400
© 2012 Echelon, and the Echelon logo are trademarks of Echelon Corporation registered in the United States and other countries.
Other trademarks belong to their respective holders. Content subject to change without notice.
P/N 003-0457-01A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com