Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT-ROUTER5000 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FT-ROUTER5000
Description  3.3V operation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT-ROUTER5000 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FT-ROUTER5000 Datasheet HTML 1Page - List of Unclassifed Manufacturers FT-ROUTER5000 Datasheet HTML 2Page - List of Unclassifed Manufacturers FT-ROUTER5000 Datasheet HTML 3Page - List of Unclassifed Manufacturers FT-ROUTER5000 Datasheet HTML 4Page - List of Unclassifed Manufacturers FT-ROUTER5000 Datasheet HTML 5Page - List of Unclassifed Manufacturers FT-ROUTER5000 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FT-X3 Communications Transformer
Mechanical Specification
FT-X3 Packing Specifications
Figure 8 shows the placement of each device on the
carrier tape.
Figure 8: FT-X3 Device Placement on the Carrier Tape
Figure 9 shows the 1.3” Reels/4” Hub.
Figure 9: FT-X3 Reel and Hub Drawing
Notes
1. All dimensions are in millimeters.
2. Tolerances unless noted: 1PL + ; 2PL + 0.2;
3PL + 0.1; ANG + 0.5”; FRACT +
Figure 21 shows the FT-X3 Packing Specification
Figure 8 FT-X3 Packing Drawing
Notes
1. Material: Black conductive polystyrene PS
2. Inspect per EIA-481-3 standard.
3. Tape thickness: 0.5 ±0.05 mm
4. 10 Sprocket hole pitch cumulative
tolerance ±0.20
5. Carrier chamber is within 1 mm in 100 mm
6. Packing length per 22” reel: 10.2 meters
7. Packing length per 13” reel: 3.4 meters
8. Component load per 13” reel: 100 PCS
9. Compression strength: 1.5 kgf min.
10. Environment-Related substance must meet DELTA’s general spec no.
10000-0162



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com