Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCF341 Datasheet(PDF) 16 Page - International Rectifier

Part # IRMCF341
Description  Sensorless Motor Control IC for Appliances
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF341 Datasheet(HTML) 16 Page - International Rectifier

Back Button IRMCF341_15 Datasheet HTML 12Page - International Rectifier IRMCF341_15 Datasheet HTML 13Page - International Rectifier IRMCF341_15 Datasheet HTML 14Page - International Rectifier IRMCF341_15 Datasheet HTML 15Page - International Rectifier IRMCF341_15 Datasheet HTML 16Page - International Rectifier IRMCF341_15 Datasheet HTML 17Page - International Rectifier IRMCF341_15 Datasheet HTML 18Page - International Rectifier IRMCF341_15 Datasheet HTML 19Page - International Rectifier IRMCF341_15 Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
IRMCF341
16
6.6
Under Voltage Lockout DC characteristics
- Based on AVDD (1.8V)
Unless specified, Ta = 25˚C.
Symbol
Parameter
Min
Typ
Max
Condition
UVCC+
UVcc positive going
Threshold
1.53 V
1.66 V
1.71 V
VDD1 = 3.3 V
UVCC-
UVcc negative going
Threshold
1.52 V
1.62 V
1.71 V
VDD1 = 3.3 V
UVCCH
UVcc Hysteresys
-
40 mV
-
Table 6.
UVcc DC Characteristics
6.7
CMEXT and AREF Characteristics
CAREF = 1nF, CMEXT= 100nF. Unless specified, Ta = 25˚C.
Symbol
Parameter
Min
Typ
Max
Condition
VCM
CMEXT voltage
495 mV
600 mV
700 mV
VAVDD = 1.8 V
VAREF
Buffer Output Voltage
495 mV
600 mV
700 mV
VAVDD = 1.8 V
ΔVo
Load regulation (VDC-0.6)
-
1 mV
-
(1)
PSRR
Power Supply Rejection
Ratio
-
75 db
-
(1)
Table 7.
CMEXT and AREF DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com