Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCF341 Datasheet(PDF) 9 Page - International Rectifier

Part # IRMCF341
Description  Sensorless Motor Control IC for Appliances
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF341 Datasheet(HTML) 9 Page - International Rectifier

Back Button IRMCF341_15 Datasheet HTML 5Page - International Rectifier IRMCF341_15 Datasheet HTML 6Page - International Rectifier IRMCF341_15 Datasheet HTML 7Page - International Rectifier IRMCF341_15 Datasheet HTML 8Page - International Rectifier IRMCF341_15 Datasheet HTML 9Page - International Rectifier IRMCF341_15 Datasheet HTML 10Page - International Rectifier IRMCF341_15 Datasheet HTML 11Page - International Rectifier IRMCF341_15 Datasheet HTML 12Page - International Rectifier IRMCF341_15 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
IRMCF341
9
P1.3/SYNC/SCK Input/output port 1.3, can be configured as SYNC output or SPI clock
output, needs to be pulled up to VDD1 in order to boot from I2C
EEPROM
P1.4/CAP
Input/output port 1.4, can be configured as Capture Timer input
P1.5
Input/output port 1.5
P1.6
Input/output port 1.6
P1.7
Input/output port 1.7
P2.0/NMI
Input/output port 2.0, can be configured as non-maskable interrupt input
P2.1
Input/output port 2.1
P2.2
Input/output port 2.2
P2.3
Input/output port 2.3
P2.4
Input/output port 2.4
P2.5
Input/output port 2.5
P2.6/AOPWM0
Input/output port 2.6, can be configured as AOPWM0 output
P2.7/AOPWM1
Input/output port 2.7, can be configured as AOPWM1 output
P3.0/INT2/CS1
Input/output port 3.0, can be configured as INT2 input or SPI chip select
1
P3.1/AOPWM2
Input/output port 3.1, can be configured as AOPWM2 output
P3.2/NINT0
Input/output port 3.2, can be configured as INT0 input
P3.3/NINT1
Input/output port 3.3, can be configured as INT1 input
P3.5/T1
Input/output port 3.5, can be configured as Timer/Counter 1 input
P5.1/TSM
Input/output port 5.1, configured as JTAG port by default
P5.2/TDO
Input/output port 5.2, configured as JTAG port by default
P5.3/TDI
Input/output port 5.3, configured as JTAG port by default
Analog Output Interface
P2.6/AOPWM0
Input/output, can be configured as 8-bit PWM output 0 with
programmable carrier frequency
P2.7/AOPWM1
Input/output, can be configured as 8-bit PWM output 1 with
programmable carrier frequency
P3.1/AOPWM2
Input/output, can be configured as 8-bit PWM output 2 with
programmable carrier frequency
Crystal Interface
XTAL0
Input, connected to crystal
XTAL1
Output, connected to crystal
Reset Interface
RESET
Inout, system reset, needs to be pulled up to VDD1 but doesn’t require
external RC time constant
I
2C Interface
SCL/SO-SI
Output, I2C clock output, or SPI data
SDA/CS0
Input/output, I2C Data line or SPI chip select 0
I
2C/SPI Interface
SCL/SO-SI
Output, I2C clock output, or SPI data
SDA/CS0
Input/output, I2C data line or SPI chip select 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com