Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCF341 Datasheet(PDF) 10 Page - International Rectifier

Part # IRMCF341
Description  Sensorless Motor Control IC for Appliances
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF341 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRMCF341_15 Datasheet HTML 6Page - International Rectifier IRMCF341_15 Datasheet HTML 7Page - International Rectifier IRMCF341_15 Datasheet HTML 8Page - International Rectifier IRMCF341_15 Datasheet HTML 9Page - International Rectifier IRMCF341_15 Datasheet HTML 10Page - International Rectifier IRMCF341_15 Datasheet HTML 11Page - International Rectifier IRMCF341_15 Datasheet HTML 12Page - International Rectifier IRMCF341_15 Datasheet HTML 13Page - International Rectifier IRMCF341_15 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
IRMCF341
10
P1.3/SYNC/SCK Input/output port 1.3, can be configured as SYNC output or SPI clock
output, needs to be pulled up to VDD1 in order to boot from I2C
EEPROM
P3.0/INT2/CS1
Input/output port 3.0, can be configured as INT2 input or SPI chip select
1
4.2
Motion Peripheral Interface Group
PWM
PWMUH
Output, PWM phase U high side gate signal
PWMUL
Output, PWM phase U low side gate signal
PWMVH
Output, PWM phase V high side gate signal
PWMVL
Output, PWM phase V low side gate signal
PWMWH
Output, PWM phase W high side gate signal
PWMWL
Output, PWM phase W low side gate signal
Fault
GATEKILL
Input, upon assertion, this negates all six PWM signals, programmable
logic sense
4.3
Analog Interface Group
AVDD
Analog power (1.8V)
AVSS
Analog power return
AREF
0.6V buffered output
CMEXT
Unbuffered 0.6V, input to the AREF buffer, capacitor needs to be
connected.
IFB+
Input, Operational amplifier positive input for shunt resistor current
sensing
IFB-
Input, Operational amplifier negative input for shunt resistor current
sensing
IFBO
Output, Operational amplifier output for shunt resistor current sensing
AIN0
Input, Analog input channel 0 (0 – 1.2V), typically configured for DC bus
voltage input
AIN1
Input, Analog input channel 1 (0 – 1.2V), needs to be pulled down to
AVSS if unused
AIN2
Input, Analog input channel 2 (0 – 1.2V), needs to be pulled down to
AVSS if unused
AIN3
Input, Analog input channel 3 (0 – 1.2V), needs to be pulled down to
AVSS if unused
AIN4
Input, Analog input channel 4 (0 – 1.2V), needs to be pulled down to
AVSS if unused
AIN5
Input, Analog input channel 5 (0 – 1.2V), needs to be pulled down to
AVSS if unused
AIN6
Input, Analog input channel 6 (0 – 1.2V), needs to be pulled down to
AVSS if unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com