Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCF341 Datasheet(PDF) 28 Page - International Rectifier

Part # IRMCF341
Description  Sensorless Motor Control IC for Appliances
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF341 Datasheet(HTML) 28 Page - International Rectifier

Back Button IRMCF341_15 Datasheet HTML 24Page - International Rectifier IRMCF341_15 Datasheet HTML 25Page - International Rectifier IRMCF341_15 Datasheet HTML 26Page - International Rectifier IRMCF341_15 Datasheet HTML 27Page - International Rectifier IRMCF341_15 Datasheet HTML 28Page - International Rectifier IRMCF341_15 Datasheet HTML 29Page - International Rectifier IRMCF341_15 Datasheet HTML 30Page - International Rectifier IRMCF341_15 Datasheet HTML 31Page - International Rectifier IRMCF341_15 Datasheet HTML 32Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
IRMCF341
28
8 Pin List
Pin
Number
Pin Name
Internal
Pull-up
/Pull-down
Pin
Type
Description
1
XTAL0
I
Crystal input
2
XTAL1
O
Crystal output
3
P1.0/T2
I/O
Discrete programmable I/O or Timer/Counter 2
input
4
P1.1/RXD
I/O
Discrete programmable I/O or UART receive input
5
P1.2/TXD
I/O
Discrete programmable I/O or UART transmit
output
6
P1.3/SYNC/SCK
I/O
Discrete programmable I/O or SYNC output or
SPI clock output, needs to be pulled up to VDD1
in order to boot from I2C EEPROM
7
P1.4/CAP
I/O
Discrete programmable I/O or Capture timer input
8
P1.5
I/O
Discrete programmable I/O
9
P1.6
I/O
Discrete programmable I/O
10
P1.7
I/O
Discrete programmable I/O
11
VDD2
P
1.8V digital power
12
VSS
P
Digital common
13
VDD1
P
3.3V digital power
14
P2.0/NMI
I/O
Discrete programmable I/O or Non-maskable
Interrupt input
15
P2.1
I/O
Discrete programmable I/O
16
P2.2
I/O
Discrete programmable I/O
17
P2.3
I/O
Discrete programmable I/O
18
P2.4
I/O
Discrete programmable I/O
19
P2.5
I/O
Discrete programmable I/O
20
P2.6/AOPWM0
I/O
Discrete programmable I/O or PWM 0 digital
output
21
P2.7/AOPWM1
I/O
Discrete programmable I/O or PWM 1 digital
output
22
VDD2
P
1.8V digital power
23
VSS
P
Digital common
24
AIN0
I
Analog input channel 0, 0-1.2V range, needs to
be pulled down to AVSS if unused
25
AVDD
P
1.8V analog power
26
AVSS
P
Analog common
27
AIN1
I
Analog input channel 1, 0-1.2V range, needs to
be pulled down to AVSS if unused
28
CMEXT
O
Unbuffered 0.6V output. Capacitor needs to be
connected.
29
AREF
O
Analog reference voltage output (0.6V)
30
IFB-
I
Single shunt current sensing OP amp input (-)
31
IFB+
I
Single shunt current sensing OP amp input (+)
32
IFBO
O
Single shunt current sensing OP amp output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com