Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCF341 Datasheet(PDF) 4 Page - International Rectifier

Part # IRMCF341
Description  Sensorless Motor Control IC for Appliances
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF341 Datasheet(HTML) 4 Page - International Rectifier

  IRMCF341_15 Datasheet HTML 1Page - International Rectifier IRMCF341_15 Datasheet HTML 2Page - International Rectifier IRMCF341_15 Datasheet HTML 3Page - International Rectifier IRMCF341_15 Datasheet HTML 4Page - International Rectifier IRMCF341_15 Datasheet HTML 5Page - International Rectifier IRMCF341_15 Datasheet HTML 6Page - International Rectifier IRMCF341_15 Datasheet HTML 7Page - International Rectifier IRMCF341_15 Datasheet HTML 8Page - International Rectifier IRMCF341_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
IRMCF341
4
1 Overview
IRMCF341 is a new International Rectifier integrated circuit device primarily designed as a one-
chip solution for complete inverter controlled appliance motor control applications. Unlike a
traditional microcontroller or DSP, the IRMCF341 provides a built-in closed loop sensorless
control algorithm using the unique Motion Control Engine (MCETM) for permanent magnet motors.
The MCETM consists of a collection of control elements, motion peripherals, a dedicated motion
control sequencer and dual port RAM to map internal signal nodes. IRMCF341 also employs a
unique single shunt current reconstruction circuit to eliminate additional analog/digital circuitry and
enables a direct shunt resistor interface to the IC. Motion control programming is achieved using a
dedicated graphical compiler integrated into the MATLAB/SimulinkTM development environment.
Sequencing, user interface, host communication, and upper layer control tasks can be
implemented in the 8051 high-speed 8-bit microcontroller. The 8051 microcontroller is equipped
with a JTAG port to facilitate emulation and debugging tools. Figure 1 shows a typical application
schematic using the IRMCF341.
IRMCF341 is intended for development purpose and contains 48K bytes of RAM, which can be
loaded from external EEPROM for 8051 program execution. For high volume production,
IRMCK341 contains OTP ROM in place of program RAM to reduce the cost. Both IRMCF341 and
IRMCK341 come in the same 64-pin QFP package with identical pin configuration to facilitate PC
board layout and transition to mass production
IRMCF341
Multiple
Output
Power
Supply
HVIC
Gate Drive
&
Protection
Circuit
Upto 24 Digital
Input/Output
I2C Interface
to EEPROM
7 Analog Input
Appliance Inverter
3.3
V
1.8
V
Passive
EMI
Filter
UART interface
to Front Panel
Motor
(PMSM)
Figure 1.
Typical Application Block Diagram Using IRMCF341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com