Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCF341 Datasheet(PDF) 29 Page - International Rectifier

Part # IRMCF341
Description  Sensorless Motor Control IC for Appliances
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF341 Datasheet(HTML) 29 Page - International Rectifier

Back Button IRMCF341_15 Datasheet HTML 24Page - International Rectifier IRMCF341_15 Datasheet HTML 25Page - International Rectifier IRMCF341_15 Datasheet HTML 26Page - International Rectifier IRMCF341_15 Datasheet HTML 27Page - International Rectifier IRMCF341_15 Datasheet HTML 28Page - International Rectifier IRMCF341_15 Datasheet HTML 29Page - International Rectifier IRMCF341_15 Datasheet HTML 30Page - International Rectifier IRMCF341_15 Datasheet HTML 31Page - International Rectifier IRMCF341_15 Datasheet HTML 32Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
IRMCF341
29
Pin
Number
Pin Name
Internal
Pull-up
/Pull-down
Pin
Type
Description
33
AIN2
I
Analog input channel 2, 0-1.2V range, needs to
be pulled down to AVSS if unused
34
AIN3
I
Analog input channel 3, 0-1.2V range, needs to
be pulled down to AVSS if unused
35
AIN4
I
Analog input channel 4, 0-1.2V range, needs to
be pulled down to AVSS if unused
36
AIN5
I
Analog input channel 5, 0-1.2V range, needs to
be pulled down to AVSS if unused
37
AIN6
I
Analog input channel 6, 0-1.2V range, needs to
be pulled down to AVSS if unused
38
VDD2
P
1.8V digital power
39
VSS
P
Digital common
40
VDD1
P
3.3V digital power
41
GATEKILL
I
PWM shutdown input, 2-μsec digital filter,
configurable either high or low true.
42
PWMWL
70 kΩ Pull
up
O
PWM gate drive for phase W low side,
configurable either high or low true
43
PWMWH
70 kΩ Pull
up
O
PWM gate drive for phase W high side,
configurable either high or low true
44
PWMVL
70 kΩ Pull
up
O
PWM gate drive for phase V low side,
configurable either high or low true
45
PWMVH
70 kΩ Pull
up
O
PWM gate drive for phase V high side,
configurable either high or low true
46
PWMUL
70 kΩ Pull
up
O
PWM gate drive for phase U low side,
configurable either high or low true
47
PWMUH
70 kΩ Pull
up
O
PWM gate drive for phase U high side,
configurable either high or low true
48
P3.0/INT2/CS1
I/O
Discrete programmable I/O or external interrupt 2
input or SPI Chip Select 1
49
P3.1/AOPWM2
I/O
Discrete programmable I/O or PWM 2 digital
output
50
P3.2/INT0
I/O
Discrete programmable I/O or Interrupt 0 input
51
P3.3/INT1
I/O
Discrete programmable I/O or Interrupt 1 input
52
P3.5/T1
I/O
Discrete programmable I/O or Timer/Counter 1
53
VSS
P
Digital common
54
VDD1
P
3.3V digital power
55
SCL/SO-SI
I/O
I2C clock output (open drain, need pull up) or SPI
data
56
SDA/CS0
I/O
I2C data (open drain, need pull up) or SPI Chip
Select 0
57
P5.1/TMS
I/O
JTAG test mode select
58
P5.2/TDO
I/O
JTAG test data output
59
P5.3/TDI
I/O
JTAG test data input
60
TCK
I
JTAG test clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com