Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US12231G-P20-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # US12231G-P20-R
Description  POWER INTERFACE SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US12231G-P20-R Datasheet(HTML) 2 Page - Unisonic Technologies

  US12231G-P20-R Datasheet HTML 1Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 2Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 3Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 4Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 5Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 6Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 7Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 8Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
US12231
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 15
www.unisonic.com.tw
QW-R502-A82.a
MARKING INFORMATION
PACKAGE
MARKING
TSSOP-20
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
I/O
DESCRIPTION
1
SYSRST
I
System Reset input – active low, logic level signal. Internally pulled up to
AUXIN.
2
SHDN
I
Shutdown input – active low, logic level signal. Internally pulled up to AUXIN.
3
STBY
I
Standby input – active low, logic level signal. Internally pulled up to AUXIN.
4, 5
3.3VIN
I
3.3-V input for 3.3VOUT
6, 7
3.3VOUT
O
Switched output that delivers 0 V, 3.3 V or high impedance to card
8
PERST
O
A logic level power good to slot 0 (with delay)
9
NC
No connection
10
GND
Ground
11
CPUSB
I
Card Present input for USB cards. Internally pulled up to AUXIN.
12
CPPE
I
Card Present input for PCI Expresscards
TM. Internally pulled up to AUXIN
13, 14
1.5VOUT
O
Switched output that delivers 0 V, 1.5 V or high impedance to card
15,16
1.5VIN
I
1.5-V input for 1.5VOUT
17
AUXOUT
O
Switched output that delivers 0 V, AUX or high impedance to card
18
AUXIN
I
AUX input for AUXOUT and chip power
19
RCLKEN
I/O
Reference Clock Enable signal. As an output, a logic level power good to host
for slot 0 (no delay – open drain). As an input, if kept inactive (low) by the host,
prevents PERST from being de-asserted. Internally pulled up to AUXIN.
20
OC
O
Overcurrent status output for slot 0 (open drain)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com