Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US12231G-P20-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # US12231G-P20-R
Description  POWER INTERFACE SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US12231G-P20-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button US12231G-P20-R Datasheet HTML 4Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 5Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 6Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 7Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 8Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 9Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 10Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 11Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 12Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
US12231
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 15
www.unisonic.com.tw
QW-R502-A82.a
FUNCTIONAL TRUTH TABLES
Table 1. Truth Table for Voltage Outputs
VOLTAGE INPUTS (Note 1)
LOGIC INPUTS
VOLTAGE OUTPUTS (Note 2)
MODE (Note 3)
AUXIN
3.3VIN
1.5VIN
SHDN
STBY
CP
(Note 4)
AUXOUT
3.3VOUT
1.5VOUT
Off
x
x
x
x
x
Off
Off
Off
OFF
On
x
x
0
x
x
GND
GND
GND
Shutdown
On
x
x
1
x
1
GND
GND
GND
No Card
On
On
On
1
0
0
On
Off
Off
Standby
On
On
On
1
1
0
On
On
On
Card Inserted
Notes: 1. For input voltages, On means the respective input voltage is higher than its turnon threshold voltage;
otherwise, the voltage is Off (for AUX input, Off means the voltage is close to zero volt.)
2. For output voltages, On means the respective power switch is turned on so the input voltage is connected
to the output; Off means the power switch and its output discharge FET are both off; GND means the
power switch is off but the output discharge FET is on so the voltage on the output is pulled down to 0V.
3. Mode assigns each set of input conditions and respective output voltage results to a different name. These
modes are referred to as input conditions in the following Truth Table for Logic Outputs.
4. CP = CPUSB and CPPE -equal to 1 when both CPUSB and CPPE signals are logic high, or equal to 0
when either CPUSB or CPPE is low.
Table 2. Truth Table for Logic Outputs
INPUT CONDITIONS
LOGIC OUTPUTS
MODE
SYSRST
RCLKEN (Note 1)
PERST
RCLKEN (Note 2)
OFF
X
X
0
0
Shutdown
No Card
Standby
Card Inserted
0
Hi-Z
0
1
0
0
0
0
1
Hi-Z
1
1
1
0
0
0
Notes: 1. RCLKEN as a logic input in this column. RCLKEN is an I/O pin and it can be driven low externally, left open,
or connected to high-impedance terminals, such as the gate of a MOSFET. It must not be driven high
externally.
2. RCLKEN as a logic output in this column.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com