Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US12231G-P20-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # US12231G-P20-R
Description  POWER INTERFACE SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US12231G-P20-R Datasheet(HTML) 5 Page - Unisonic Technologies

  US12231G-P20-R Datasheet HTML 1Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 2Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 3Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 4Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 5Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 6Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 7Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 8Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
US12231
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 15
www.unisonic.com.tw
QW-R502-A82.a
ELECTRICAL CHARACTERISTICS
TJ=25°C, VI(3.3VIN)=VI(AUXIN)=3.3V, VI(1.5VIN)=1.5V, VI(/SHDNx), VI(/STBYx)=3.3V, VI(/CPPEx)=VI(/CPUSBx)=0V, VI(/SYSRST)=3.3V, OCx and
RCLKENx and PERSTx are open, all voltage outputs unloaded (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Power Switch Resistance
1.5VIN~1.5VOUT
RDS
TJ=25°C, I=650mA each
46
mΩ
TJ=100°C, I=650mA each
70
3.3VIN~3.3VOUT
TJ=25°C, I=1300mA each
45
mΩ
TJ=100°C, I=1300mA each
68
AUXIN~AUXOUT
TJ=25°C, I=275mA each
120
mΩ
TJ=100°C, I=275mA each
200
Discharge Resistance On 3.3V/1.5V/AUX Outputs
R(DIS_FET) VI(/SHDNx)=0V, I(discharge)=1mA
100
500
Ω
Short
-Circuit Output Current (Note
1)
Steady-State
Value
1.5VOUT
IOS
TJ (-40~120°C), Output powered into a
short
0.67
1
1.3
A
3.3VOUT
1.35
2
2.5
A
AUXOUT
275 450 600
mA
Thermal
Shutdown
Trip Point, TJ
TJ
Rising temperature, not in overcurrent
condition
155 165
°C
TJ_OC
Overcurrent condition
120 130
Hysteresis
∆T
10
°C
Current
-Limit Response Time
From Short To The 1
st
Threshold Within
1.1Times Of Final
Current Limit, TJ=25°C
VO(3.3VOUT) with 100-mΩ short
43
100
μs
VO(1.5VOUT) with 100-mΩ short
100 140
VO(AUXOUT) with 100-mΩ short
38
100
Operation Input Quiescent
Current
Normal
Operation
1.5VIN
II
Outputs are unloaded,
TJ (–40, 120°C) (does not include CPPEx
and CPUSBx logic pullup currents)
2.5
10
μA
3.3VIN
10
15
AUXIN
85
150
Total Input Quiescent Current
Normal
Operation
1.5VIN
II
Outputs are unloaded,
TJ (–40, 120°C) (include CPPEx
and CPUSBx logic pullup currents)
2.5
10
μA
3.3VIN
10
15
AUXIN
120 210
Shutdown
Mode
1.5VIN
CPUSB = CPPE =0V, SHDN =0V
(discharge FETs are on) (include
CPPEx and CPUSBx logic pullup
currents and SHDN pullup current) TJ
(–40, 120°C)
0.5
10
μA
3.3VIN
3.5
10
AUXIN
144 270
Forward Leakage Current
1.5VIN
Ilkg(FWD)
SHDN =3.3V, CPUSB = CPPE = 3.3V
(no card present, discharge FETs are on),
current measured at input pins,
TJ=120°C, includes RCLKEN pullup
current
0.1
50
μA
3.3VIN
0.1
50
AUXIN
20
50
Reverse Leakage Current
TJ=25°C
1.5VIN
Ilkg(RVS)
VO(AUXOUT)=VO(3.3VOUT)=3.3V,
VO(1.5VOUT)=1.5V, All voltage inputs are
grounded (current measured from output
pins going in)
0.1
10
μA
TJ=120°C
50
TJ=25°C
3.3VIN
0.1
10
μA
TJ=120°C
50
TJ=25°C
AUXIN
0.1
10
μA
TJ=120°C
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com