Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US12231G-P20-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # US12231G-P20-R
Description  POWER INTERFACE SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US12231G-P20-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button US12231G-P20-R Datasheet HTML 5Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 6Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 7Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 8Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 9Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 10Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 11Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 12Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 13Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
US12231
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 15
www.unisonic.com.tw
QW-R502-A82.a
POWER STATES
OFF mode
If AUXIN is not present, then all input-to-output power switches are kept off (OFF mode).
Shutdown mode
If AUXIN is present and SHDN is asserted (logic low), then all input-to-output power switches are kept off and the
output discharge FETs are turned on (Shutdown mode). If SHDN is asserted and then de-asserted, the state on
the outputs is restored to the state prior to SHDN
__________
assertion.
No Card mode
If 3.3VIN, AUXIN and 1.5VIN are present at the input of the power switch and no card is inserted, then all
input-to-output power switches are kept off and the output discharge FETs are turned on (No Card mode).
Card Inserted mode
If 3.3VIN, AUXIN and 1.5VIN are present at the input of the power switch prior to a card being inserted, then all
input-to-output power switches are turned on once a card-present signal ( CPUSB and/or CPPE ) is detected (Card
Inserted mode).
Standby mode
If a card is present and all output voltages are being applied, then the STBY is asserted (logic low); the AUXOUT
voltage is provided to the card, and the 3.3VOUT and 1.5VOUT switches are turned off (Standby mode).
If a card is present and all output voltages are being applied, then the 1.5VIN, or 3.3VIN is removed from the input
of the power switch; the AUXOUT voltage is provided to the card and the 3.3VOUT and 1.5VOUT switches are turned off
(Standby mode).
If prior to the insertion of a card, the AUXIN is available at the input of the power switch and 3.3VIN and/or 1.5VIN
are not, or if STBY is asserted (logic low), then no power is made available to the card (OFF mode). If 1.5VIN and
3.3VIN are made available at the input of the power switch after the card is inserted and STBY is not asserted, all
the output voltages are made available to the card (Card Inserted mode).
DISCHARGE FETs
The discharge FETs on the outputs are activated whenever the device detects that a card is not present (No Card
mode). Activation occurs after the input-to-output power switches are turned off (break before make). The discharge
FETs de-activate if either of the card-present lines go active low, unless the SHDN pin is asserted.
The discharge FETs are also activated whenever the SHDN input is asserted and stay asserted until SHDN is
de-asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com