Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US12231G-P20-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # US12231G-P20-R
Description  POWER INTERFACE SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US12231G-P20-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button US12231G-P20-R Datasheet HTML 6Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 7Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 8Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 9Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 10Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 11Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 12Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 13Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 14Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
US12231
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
10 of 15
www.unisonic.com.tw
QW-R502-A82.a
APPLICATION INFORMATION
Introduction to ExpressCard
TM
An ExpressCard module is an add-in card with a serial interface based on PCI Express and/or Universal Serial
Bus (USB) technologies. An ExpressCard
TM
comes in two form factors defined as ExpressCard|34 or
ExpressCard|54. The difference, as defined by the name, is the width of the module, 34mm or 54mm, respectively.
Host systems supporting the ExpressCard
TM module can support either the ExpressCard|34 or ExpressCard|54 or
both.
ExpressCard
TM Power Requirements
Regardless of which ExpressCard
TM module is used, the power requirements as defined in the ExpressCardTM
Standard apply to both on an individual slot basis. The host system is required to supply 3.3V, 1.5V, and AUX to
each of the ExpressCard
TM slots. However, the voltage is only applied after an ExpressCardTM is inserted into the
slot.
The ExpressCard
TM connector has two pins, CPPE and CPUSB , which are used to signal the host when a card
is inserted. If the ExpressCard
TM module itself connects the CPPE to ground, the logic low level on that signal
indicates to the host that a card supporting PCI Express has been inserted. If CPUSB is connected to ground, then
the ExpressCard
TM module supports the USB interface. If both PCI Express and USB are supported by the
ExpressCard
TM module, then both signals, CPPE and CPUSB , must be connected to ground.
In addition to the Card Present signals ( CPPE and CPUSB ), the host system determines when to apply power to
the ExpressCard
TM module based on the state of the system. The state of the system is defined by the state of the
3.3 V, 1.5V, and AUX input voltage rails. For the sake of simplicity, the 3.3V and 1.5V rails are defined as the
primary voltage rails as oppose to the auxiliary voltage rail, AUX.
ExpressCard
TM Power Switch Operation
The ExpressCard power switch resides on the host, and its main function is to control when to send power to the
ExpressCard
TM slot. The ExpressCardTM power switch makes decisions based on the Card Present inputs and on
the state of the host system as defined by the primary and auxiliary voltage rails.
The following conditions define the operation of the host power controller:
1. When both primary power and auxiliary power at the input of the ExpressCard
TM power switch are off, then all
power to the ExpressCard
TM connector is off regardless of whether a card is present.
2. When both primary power and auxiliary power at the input of the ExpressCard
TM power switch are on, then
power is only applied to the ExpressCard
TM after the ExpressCardTM power switch detects that a card is present.
3. When primary power (either +3.3V or +1.5V) at the input of the ExpressCard
TM power switch is off and auxiliary
power at the input of the ExpressCard
TM power switch is on, then the ExpressCardTM power switch behaves in the
following manner:
(a) If neither of the Card Present inputs is detected (no card inserted), then no power is applied to the
ExpressCard
TM slot.
(b) If the card is inserted after the system has entered this power state, then no power is applied to the
ExpressCard
TM slot.
(c) If the card is inserted prior to the removal of the primary power (either +3.3V or +1.5V or both) at the input of
the ExpressCard
TM power switch, then only the primary power (both +3.3V and +1.5V) is removed and the auxiliary
power is sent to the ExpressCard
TM slot.
Figure 2 through Figure 7 illustrate the timing relationships between power/logic inputs and outputs of
ExpressCard
TM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com