Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US12231G-P20-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # US12231G-P20-R
Description  POWER INTERFACE SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US12231G-P20-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button US12231G-P20-R Datasheet HTML 3Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 4Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 5Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 6Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 7Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 8Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 9Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 10Page - Unisonic Technologies US12231G-P20-R Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
US12231
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 15
www.unisonic.com.tw
QW-R502-A82.a
SWITCHING CHARACTERISTICS
TJ=25°C, VI(3.3VIN)=VI(AUXIN)=3.3V, VI(1.5VIN)=1.5V, VI(/SHDNx), VI(/STBYx)=3.3V, VI(/CPPEx)=VI(/CPUSBx)=0V, VI(/SYSRST)=3.3V,
OCx and RCLKENx and PERSTx are open, all voltage outputs unloaded (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Output Rise Times
3.3VIN to 3.3VOUT
tr
CL(3.3VOUT)=0.1μF, IO(3.3VOUT)=0A
0.1
3
ms
AUXIN to AUXOUT
CL(AUXOUT)=0.1μF, IO(AUXOUT)=0A
0.1
3
1.5VIN to 1.5VOUT
CL(1.5VOUT)=0.1μF, IO(1.5VOUT)=0A
0.1
3
3.3VIN to 3.3VOUT
CL(3.3VOUT)=100μF, RL=VI(3.3VIN)/1A
0.1
6
AUXIN to AUXOUT
CL(AUXOUT)=100μF, RL=VI(AUXIN)/0.250A 0.1
6
1.5VIN to 1.5VOUT
CL(1.5VOUT)=100μF, RL=VI(1.5VIN)/0.500A 0.1
6
Output Fall Times
When Card Removed
(Both CPUSB And
CPPE De-asserted)
3.3VIN to 3.3VOUT
tf
CL(3.3VOUT)=0.1μF, IO(3.3VOUT)=0A
10
150
μs
AUXIN to VAUXOUT
CL(AUXOUT)=0.1μF, IO(AUXOUT)=0A
10
150
1.5VIN to 1.5VOUT
CL(1.5VOUT)=0.1μF, IO(1.5VOUT)=0A
10
150
3.3VIN to 3.3VOUT
CL(3.3VOUT)=20μF, IO(3.3VOUT)=0A
2
30
ms
AUXIN to VAUXOUT
CL(AUXOUT)=20μF, IO(AUXOUT)=0A
2
30
1.5VIN to 1.5VOUT
CL(1.5VOUT)=20μF, IO(1.5VOUT)=0A
2
30
Output Fall Times
When SHDN Asserted
(Card Is Present)
3.3VIN to 3.3VOUT
tf
CL(3.3VOUT)=0.1μF, IO(3.3VOUT)=0A
10
150
μs
AUXIN to VAUXOUT
CL(AUXOUT)=0.1μF, IO(AUXOUT)=0A
10
150
1.5VIN to 1.5VOUT
CL(1.5VOUT)=0.1μF, IO(1.5VOUT)=0A
10
150
3.3VIN to 3.3VOUT
CL(3.3VOUT)=100μF, RL=VI(3.3VIN)/1A
0.1
5
ms
AUXIN to VAUXOUT
CL(AUXOUT)=100μF, RL=VI(AUXIN)/0.250A 0.1
5
1.5VIN to 1.5VOUT
CL(1.5VOUT)=100μF, RL=VI(1.5VIN)/0.500A 0.1
5
Turn-On Propagation
Delay
3.3VIN to 3.3VOUT
tpd(on)
CL(3.3VOUT)=0.1μF, IO(3.3VOUT)=0A
0.1
1
ms
AUXIN to VAUXOUT
CL(AUXOUT)=0.1μF, IO(AUXOUT)=0A
0.05
0.5
1.5VIN to 1.5VOUT
CL(1.5VOUT)=0.1μF, IO(1.5VOUT)=0A
0.1
1
3.3VIN to 3.3VOUT
CL(3.3VOUT)=100μF, RL=VI(3.3VIN)/1A
0.1
1.5
AUXIN to VAUXOUT
CL(AUXOUT)=100μF, RL=VI(AUXIN)/0.250A 0.05
1
1.5VIN to 1.5VOUT
CL(1.5VOUT)=100μF, RL=VI(1.5VIN)/0.500A 0.1
1.5
Turn-Off Propagation
Delay
3.3VIN to 3.3VOUT
tpd(off)
CL(3.3VOUT)=0.1μF, IO(3.3VOUT)=0A
0.1
1.5
ms
AUXIN to VAUXOUT
CL(AUXOUT)=0.1μF, IO(AUXOUT)=0A
0.05
0.5
1.5VIN to 1.5VOUT
CL(1.5VOUT)=0.1μF, IO(1.5VOUT)=0A
0.1
1.5
3.3VIN to 3.3VOUT
CL(3.3VOUT)=100μF, RL=VI(3.3VIN)/1A
0.1
1.5
AUXIN to VAUXOUT
CL(AUXOUT)=100μF, RL=VI(AUXIN)/0.250A 0.05
0.5
1.5VIN to 1.5VOUT
CL(1.5VOUT)=100μF, RL=VI(1.5VIN)/0.500A 0.1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com