Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6830 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6830
Description  Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6830 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6830 Datasheet HTML 4Page - Maxim Integrated Products MAX6830 Datasheet HTML 5Page - Maxim Integrated Products MAX6830 Datasheet HTML 6Page - Maxim Integrated Products MAX6830 Datasheet HTML 7Page - Maxim Integrated Products MAX6830 Datasheet HTML 8Page - Maxim Integrated Products MAX6830 Datasheet HTML 9Page - Maxim Integrated Products MAX6830 Datasheet HTML 10Page - Maxim Integrated Products MAX6830 Datasheet HTML 11Page - Maxim Integrated Products MAX6830 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Detailed Description
RESET/RESET Output
A microprocessor’s (µP’s) reset input starts the µP in a
known state. The MAX6826–MAX6831 µP supervisory
circuits assert a reset to prevent code-execution errors
during power-up, power-down, and brownout condi-
tions. Whenever a monitored voltage falls below the
reset threshold, the reset output asserts low for RESET
and high for RESET. Once all monitored voltages
exceed their reset thresholds, an internal timer keeps
the reset output asserted for the specified reset timeout
period (tRP); after this interval, reset output returns to its
original state (Figure 3).
Manual Reset Input
Many µP-based products require manual-reset capabil-
ity, allowing the operator, a test technician, or external
logic circuitry to initiate a reset. A logic low on MR
asserts a reset. Reset remains asserted while MR is
low, and for the timeout period (140ms min) after it
returns high. MR has an internal 50k
Ω pullup resistor,
so it can be left open if not used. This input can be dri-
ven with CMOS logic levels or with open-drain/collector
Dual Ultra-Low-Voltage SOT23 µP Supervisors
with Manual Reset and Watchdog Timer
8
_______________________________________________________________________________________
MAX6829/MAX6830/MAX6831
VCC
VCC2
VCC
WDI
OR
RESET
RESET
MR
RESET TIMEOUT
DELAY GENERATOR
1.26V
0.63V
WATCHDOG
TIMER
WATCHDOG
TRANSITION
DETECTOR
Figure 2. Functional Diagram of VCC2
VCC
1V
1V
tRD
VTH
VTH
tRD
RESET
GND
RESET
tRP
tRP
Figure 3. Reset Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com