Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6830 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6830
Description  Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6830 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6830 Datasheet HTML 2Page - Maxim Integrated Products MAX6830 Datasheet HTML 3Page - Maxim Integrated Products MAX6830 Datasheet HTML 4Page - Maxim Integrated Products MAX6830 Datasheet HTML 5Page - Maxim Integrated Products MAX6830 Datasheet HTML 6Page - Maxim Integrated Products MAX6830 Datasheet HTML 7Page - Maxim Integrated Products MAX6830 Datasheet HTML 8Page - Maxim Integrated Products MAX6830 Datasheet HTML 9Page - Maxim Integrated Products MAX6830 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Dual Ultra-Low-Voltage SOT23 µP Supervisors
with Manual Reset and Watchdog Timer
6
_______________________________________________________________________________________
0
0.010
0.005
0.200
0.150
0.300
0.250
0.350
02
3
1
4567
VOLTAGE OUTPUT LOW vs. ISINK
ISINK (mA)
VCC = +2.9V
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
2.74
2.78
2.76
2.82
2.80
2.84
2.86
2.90
2.88
2.92
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
VOLTAGE OUTPUT HIGH vs. ISOURCE
ISOURCE (mA)
VCC = +2.9V
Pin Description
PIN NUMBER
MAX
6826
MAX
6827
MAX
6828
MAX
6829
MAX
6830
MAX
6831
PIN
NAME
FUNCTION
1
1
1
1
RESET
Active-Low Open-Drain or Push-Pull Reset Output. RESET changes from high
to low when VCC1, VCC2, or RESET IN input drops below the selected reset
threshold, MR is pulled low, or the watchdog triggers a reset. RESET remains
low for the reset timeout period after all voltages exceed the device reset
threshold, MR goes low to high, or the watchdog triggers a reset.
1
1
RESET
Active-High Push-Pull Reset Output. RESET changes from low to high when
VCC1, VCC2, or RESET IN input drops below the selected reset threshold, MR
is pulled low, or the watchdog triggers a reset. RESET remains HIGH for the
reset timeout period after all voltages exceed the device reset threshold, MR
goes low to high, or the watchdog triggers a reset.
2
2
2
2
2
2
GND
Ground
3
3
3
3
3
3
MR
Manual Reset Input, Active-Low, Internal 50k
Ω pullup to VCC. Pull low to force a
reset. Reset remains active as long as MR is low and for the reset timeout period
after MR goes high. Leave unconnected or connect to VCC, if unused.
4
4
4
4
4
4
WDI
Watchdog Input. If WDI remains high or low for longer than the watchdog timeout
period, the internal watchdog timer runs out and a reset is triggered for the reset
timeout period. The internal watchdog timer clears whenever reset is asserted, the
manual reset is asserted, or WDI sees a rising or falling edge. If WDI is left
unconnected or is connected to a three-stated buffer output, the watchdog feature
is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com