Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6830 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6830
Description  Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6830 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6830 Datasheet HTML 3Page - Maxim Integrated Products MAX6830 Datasheet HTML 4Page - Maxim Integrated Products MAX6830 Datasheet HTML 5Page - Maxim Integrated Products MAX6830 Datasheet HTML 6Page - Maxim Integrated Products MAX6830 Datasheet HTML 7Page - Maxim Integrated Products MAX6830 Datasheet HTML 8Page - Maxim Integrated Products MAX6830 Datasheet HTML 9Page - Maxim Integrated Products MAX6830 Datasheet HTML 10Page - Maxim Integrated Products MAX6830 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Dual Ultra-Low-Voltage SOT23 µP Supervisors
with Manual Reset and Watchdog Timer
_______________________________________________________________________________________
7
Pin Description (continued)
PIN NUMBER
MAX
6826
MAX
6827
MAX
6828
MAX
6829
MAX
6830
MAX
6831
PIN
NAME
FUNCTION
5
5
5
RESET
IN
Input for User Adjustable RESET IN Monitor. High-impedance input for
internal reset comparator. Connect this pin to an external resistor-divider
network to set the reset threshold voltage. 0.63V (typ) threshold.
5
5
5
VCC2
Factory-Trimmed VCC2 Monitor. Connect this pin to a secondary power-
supply voltage.
6
6
6
6
6
6
VCC
Supply Voltage. Input for primary reset threshold monitor.
MAX6826/MAX6827/MAX6828
VCC
VCC
WDI
OR
RESET
RESET
MR
RESET TIMEOUT
DELAY GENERATOR
1.26V
0.63V
WATCHDOG
TIMER
WATCHDOG
TRANSITION
DETECTOR
RESET IN
Figure 1. Functional Diagram of RESET IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com