Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6830 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6830
Description  Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6830 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6830 Datasheet HTML 1Page - Maxim Integrated Products MAX6830 Datasheet HTML 2Page - Maxim Integrated Products MAX6830 Datasheet HTML 3Page - Maxim Integrated Products MAX6830 Datasheet HTML 4Page - Maxim Integrated Products MAX6830 Datasheet HTML 5Page - Maxim Integrated Products MAX6830 Datasheet HTML 6Page - Maxim Integrated Products MAX6830 Datasheet HTML 7Page - Maxim Integrated Products MAX6830 Datasheet HTML 8Page - Maxim Integrated Products MAX6830 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Dual Ultra-Low-Voltage SOT23 µP Supervisors
with Manual Reset and Watchdog Timer
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +4.5V to +5.5V for MAX68_ _L/M, VCC = +2.7V to +3.6V for MAX68_ _T/S/R, VCC = +2.1V to +2.75V for MAX68_ _Z/Y,
VCC = +1.53V to +2.0V for MAX68_ _W/V; TA = -40°C to +125°C, unless otherwise specified. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, VCC2 to GND.................................................-0.3V to +6.0V
Open-Drain RESET................................................-0.3V to +6.0V
Push-Pull RESET, RESET............................-0.3V to (VCC + 0.3V)
MR, WDI, RESET IN....................................-0.3V to (VCC + 0.3V)
Input Current (VCC) .............................................................20mA
Output Current (RESET, RESET).........................................20mA
Continuous Power Dissipation (TA = +70°C)
6-Pin SOT23 (derate 8.7mW/°C above +70°C)..............696mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = 0
°C to +85°C
1.0
5.5
Operating Voltage Range
VCC
TA = -40
°C to +125°C
1.2
5.5
V
TA = -40
°C to +85°C10
20
VCC = +5.5V,
no load
TA = -40
°C to +125°C30
TA = -40
°C to +85°C7
16
VCC Supply Current
MR and WDI Unconnected
ICC
VCC = +3.6V,
no load
TA = -40
°C to +125°C25
µA
VCC2 Supply Current
VCC2
≤ +2.5V
2
µA
TA = -40
°C to +85°C
4.50
4.63
4.75
MAX68_ _L
TA = -40
°C to +125°C
4.47
4.63
4.78
TA = -40
°C to +85°C
4.25
4.38
4.50
MAX68_ _M
TA = -40
°C to +125°C
4.22
4.38
4.53
TA = -40
°C to +85°C
3.00
3.08
3.15
MAX68_ _T
TA = -40
°C to +125°C
2.97
3.08
3.17
TA = -40
°C to +85°C
2.85
2.93
3.00
MAX68_ _S
TA = -40
°C to +125°C
2.83
2.93
3.02
TA = -40
°C to +85°C
2.55
2.63
2.70
MAX68_ _R
TA = -40
°C to +125°C
2.53
2.63
2.72
TA = -40
°C to +85°C
2.25
2.32
2.38
MAX68_ _Z
TA = -40
°C to +125°C
2.24
2.32
2.40
TA = -40
°C to +85°C
2.12
2.19
2.25
MAX68_ _Y
TA = -40
°C to +125°C
2.11
2.19
2.26
TA = -40
°C to +85°C
1.62
1.67
1.71
MAX68_ _W
TA = -40
°C to +125°C
1.61
1.67
1.72
VCC Reset Threshold
(VCC Falling)
VTH
MAX68_ _V
TA = -40
°C to +85°C
1.52
1.58
1.62
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com