Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6830 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6830
Description  Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6830 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6830 Datasheet HTML 4Page - Maxim Integrated Products MAX6830 Datasheet HTML 5Page - Maxim Integrated Products MAX6830 Datasheet HTML 6Page - Maxim Integrated Products MAX6830 Datasheet HTML 7Page - Maxim Integrated Products MAX6830 Datasheet HTML 8Page - Maxim Integrated Products MAX6830 Datasheet HTML 9Page - Maxim Integrated Products MAX6830 Datasheet HTML 10Page - Maxim Integrated Products MAX6830 Datasheet HTML 11Page - Maxim Integrated Products MAX6830 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
outputs. Connect a normally open momentary switch
from MR to GND to create a manual-reset function;
external debounce circuitry is not required. If MR is dri-
ven from long cables or the device is used in a noisy
environment, connect a 0.1µF capacitor from MR to
GND to provide additional noise immunity.
Watchdog Input
The watchdog circuit monitors the µP’s activity. If the
µP does not toggle (low to high or high to low) the
watchdog input (WDI) within the watchdog timeout peri-
od (1.6s nominal), reset asserts for the reset timeout
period. The internal 1.6s timer can be cleared by either
a reset pulse or by toggling WDI. The WDI can detect
pulses as short as 50ns. While reset is asserted, the
timer remains cleared and does not count. As soon as
reset is released, the timer starts counting (Figure 4).
Disable the watchdog function by leaving WDI uncon-
nected or by three-stating the driver connected to WDI.
The watchdog input is internally driven low during the
first 7/8 of the watchdog timeout period and high for the
last 1/8 of the watchdog timeout period. When WDI is left
unconnected, this internal driver clears the 1.6s timer
every 1.4s. When WDI is three-stated or unconnected,
the maximum allowable leakage current is 10µA and the
maximum allowable load capacitance is 200pF.
Adjustable Reset Thresholds
The MAX6826/MAX6827/MAX6828 provide a user
adjustable input to monitor a second voltage. The
threshold voltage at RSTIN is typically 0.63V. To moni-
tor a voltage higher than 0.63V, connect a resistor-
divider to the circuit as shown in Figure 5. The
threshold at VMONITOR is:
Note that RSTIN is powered by VCC, and its voltage
must therefore remain lower than VCC.
Applications Information
Watchdog Input Current
The WDI inputs are internally driven through a buffer
and series resistor from the watchdog timer (Figure 1).
When WDI is left unconnected, the watchdog timer is
serviced within the watchdog timeout period by a low-
high-low pulse from the counter chain. For minimum
watchdog input current (minimum overall power con-
sumption), leave WDI low for the majority of the watch-
dog timeout period, pulsing it low-high-low once within
the first 7/8 of the watchdog timeout period to reset the
watchdog timer. If WDI is externally driven high for the
majority of the timeout period, up to 160µA can flow into
WDI.
Interfacing to µPs
with Bidirectional Reset Pins
Since the RESET output on the MAX6828/MAX6831
is open drain, these devices interface easily with µPs
that have bidirectional reset pins, such as the Motorola
68HC11. Connecting the µP supervisor’s RESET output
VV
RR
R
MONITOR TRIP
_
.
=
+


063
12
2
Dual Ultra-Low-Voltage SOT23 µP Supervisors
with Manual Reset and Watchdog Timer
_______________________________________________________________________________________
9
Figure 5. Monitoring a Voltage
VMONITOR
R1
R2
VCC
≥ VRSTIN
RSTIN
MAX6826
MAX6827
MAX6828
VCC
tWD
tRP
tRP
tRST
WDI
RESET*
*RESET IS THE INVERSE OF RESET.
Figure 4. Watchdog Timing Relationship
Figure 6. Interfacing Open-Drain RESET to µPs with
Bidirectional Reset I/O
MAX6828
MAX6831
RESET
GENERATOR
GND
GND
VCC
VCC
RESET
RESET
µP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com