Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6830 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6830
Description  Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6830 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6830 Datasheet HTML 1Page - Maxim Integrated Products MAX6830 Datasheet HTML 2Page - Maxim Integrated Products MAX6830 Datasheet HTML 3Page - Maxim Integrated Products MAX6830 Datasheet HTML 4Page - Maxim Integrated Products MAX6830 Datasheet HTML 5Page - Maxim Integrated Products MAX6830 Datasheet HTML 6Page - Maxim Integrated Products MAX6830 Datasheet HTML 7Page - Maxim Integrated Products MAX6830 Datasheet HTML 8Page - Maxim Integrated Products MAX6830 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX6826–MAX6831 are ultra-low-voltage micro-
processor (µP) supervisory circuits designed to monitor
two power supplies and have manual reset and watch-
dog input functions. These devices assert a system reset
if any of the monitored supplies fall below the prepro-
grammed thresholds, and maintain reset for a minimum
timeout period after the supplies rise above the threshold.
Microprocessor supervisors significantly improve system
reliability and accuracy compared to separate ICs or dis-
crete components. These devices monitor primary volt-
ages from +1.8V to +5.0V and secondary voltages from
+0.9V to +2.5V. These devices are guaranteed to be in
the correct state for VCC down to +1.0V.
A variety of preprogrammed reset threshold voltages
are available (see Threshold Suffix Guide). The devices
include manual reset and watchdog inputs. The
MAX6829/MAX6830/MAX6831 provide a factory-
trimmed threshold to monitor a 2nd voltage down to
+0.9V. The MAX6826/MAX6829 have a push-pull
RESET, the MAX6827/MAX6830 have a push-pull
RESET and the MAX6828/MAX6831 have an open-drain
RESET. The MAX6826/MAX6827/MAX6828 have an aux-
iliary monitor that allows user adjustable input to monitor
voltages down to +0.6V. See Selector Guide for func-
tions available.
________________________Applications
Features
o Monitor Primary VCC Supplies from +1.8V
to +5.0V and Secondary VCC2 Supplies
from +0.9V to +2.5V
o User Adjustable RESET IN Down to +0.63V
(MAX6826/MAX6827/MAX6828)
o 140ms (min) Reset Timeout Delay
o 1.6s Watchdog Timeout Period
o Manual Reset Input
o Three Reset Output Options
Push-Pull RESET
Push-Pull RESET
Open-Drain RESET
o Guaranteed Reset Valid Down to VCC = +1.0V
o Immune to Short Negative VCC Transients
o No External Components
o Small 6-pin SOT23 Packages
Dual Ultra-Low-Voltage SOT23 µP Supervisors
with Manual Reset and Watchdog Timer
________________________________________________________________ Maxim Integrated Products
1
GND
WDI
MR
16
VCC
5
RESET IN/VCC2
RESET(RESET)
(RESET) MAX6827/MAX6830 ONLY
RESET IN FOR MAX6826/MAX6827/MAX6828 ONLY
VCC2 FOR MAX6829/MAX6830/MAX6831 ONLY
MAX6826–
MAX6831
SOT23-6
TOP VIEW
2
34
Pin Configuration
19-1867; Rev 1; 1/02
Ordering Information
Standard Versions Table*
†Insert the desired suffix letter (from Standard Versions table) into
the blanks to complete the part number.
PART†
TEMP RANGE
PIN-PACKAGE
MAX6826_UT-T
-40°C to +125°C
6 SOT23-6
MAX6827_UT-T
-40°C to +125°C
6 SOT23-6
MAX6828_UT-T
-40°C to +125°C
6 SOT23-6
MAX6829_ _UT-T
-40°C to +125°C
6 SOT23-6
MAX6830_ _UT-T
-40°C to +125°C
6 SOT23-6
MAX6831_ _UT-T
-40°C to +125°C
6 SOT23-6
MAX6826/MAX6827/MAX6828
L
S
R
Z
V
*Samples are typically available for standard versions only.
The MAX6826/MAX6827/MAX6828 require a 2.5k minimum
order increment for all versions. Contact factory for availability.
Portable/Battery-
Powered Equipment
Embedded Controllers
Intelligent Instruments
Automotive Systems
Critical µP Monitoring
Multivoltage Systems
Typical Operating Circuit appears at end of data sheet.
Threshold Suffix Guide appears at end of data sheet.
Selector Guide appears at end of data sheet.
Standard Versions Table continued at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX6830

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6830_UT-T MAXIM-MAX6830_UT-T Datasheet
597Kb / 12P
Dual Ultra-Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
19-1867; Rev 2; 12/05
More results

Similar Description - MAX6830

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821 Datasheet
167Kb / 9P
Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/01
MAX6701-08 MAXIM-MAX6701-08 Datasheet
194Kb / 12P
Low-Voltage, SOT23 uP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 3; 12/05
MAX6826 MAXIM-MAX6826_05 Datasheet
597Kb / 12P
Dual Ultra-Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
19-1867; Rev 2; 12/05
MAX6821 MAXIM-MAX6821_05 Datasheet
360Kb / 9P
Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
Rev 2; 12/05
MAX6704SKA MAXIM-MAX6704SKA Datasheet
200Kb / 12P
Low-Voltage, SOT23 關P Supervisors with Power- Fail In/Out, Manual Reset, and Watchdog Timer
Rev 3; 12/05
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Maxim Integrated Produc...
MAX6701-08 MAXIM-MAX6701-08_03 Datasheet
148Kb / 12P
Low-Voltage, SOT23 關P Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 2; 8/03
MAX6701 MAXIM-MAX6701 Datasheet
1Mb / 12P
Low-Voltage, SOT23 μP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 4; 5/14
MAX6821 MAXIM-MAX6821_V01 Datasheet
1Mb / 9P
Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
2014
logo
Microchip Technology
MIC826 MICROCHIP-MIC826 Datasheet
1Mb / 22P
Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com