Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX686EEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX686EEE
Description  DAC-Controlled Boost/Inverter LCD Bias Supply with Internal Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX686EEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX686EEE Datasheet HTML 4Page - Maxim Integrated Products MAX686EEE Datasheet HTML 5Page - Maxim Integrated Products MAX686EEE Datasheet HTML 6Page - Maxim Integrated Products MAX686EEE Datasheet HTML 7Page - Maxim Integrated Products MAX686EEE Datasheet HTML 8Page - Maxim Integrated Products MAX686EEE Datasheet HTML 9Page - Maxim Integrated Products MAX686EEE Datasheet HTML 10Page - Maxim Integrated Products MAX686EEE Datasheet HTML 11Page - Maxim Integrated Products MAX686EEE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
DAC-Controlled Boost/Inverter
LCD Bias Supply with Internal Switch
8
_______________________________________________________________________________________
MAX686
VCC
VDD
VOUT
CF
22pF
VIN = 0.8V TO 27.5V
UP
SHDN
DN
POL
GND
PGND
LX
L1
22
µH
DACOUT
LCDON
FB
REF
POK
ISET
0.1
µF
R3
R2
D1
MBR0530L
R1
ON/OFF
DAC CONTROL
15
µF
4.7
µF
VCC = 2.7V TO 5.5V
0.1
µF
0.1
µF
Figure 1. Boost Configuration: Positive Output Voltage
MAX686
VCC
VDD
VIN ≤ |VOUT| ≤ 27.5V
MBRO530L
D2
MBRO530L
NEGATIVE
OUTPUT
VOLTAGE
VIN = 0.8V TO 27.5V
UP
POL
SHDN
DN
GND
PGND
LX
DACOUT
LCDON
FB
REF
POK
ISET
0.1
µF
2.2
µF
L1
22
µH
D1
R4
2
Ω
2.2
µF
R3
R2
R1
ON/OFF
DAC CONTROL
CF
100pF
VCC = 2.7V TO 5.5V
0.1
µF
15
µF
Figure 2. Negative Output Voltage Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com