Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX686EEE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX686EEE
Description  DAC-Controlled Boost/Inverter LCD Bias Supply with Internal Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX686EEE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX686EEE Datasheet HTML 6Page - Maxim Integrated Products MAX686EEE Datasheet HTML 7Page - Maxim Integrated Products MAX686EEE Datasheet HTML 8Page - Maxim Integrated Products MAX686EEE Datasheet HTML 9Page - Maxim Integrated Products MAX686EEE Datasheet HTML 10Page - Maxim Integrated Products MAX686EEE Datasheet HTML 11Page - Maxim Integrated Products MAX686EEE Datasheet HTML 12Page - Maxim Integrated Products MAX686EEE Datasheet HTML 13Page - Maxim Integrated Products MAX686EEE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
DAC-Controlled Boost/Inverter
LCD Bias Supply with Internal Switch
10
______________________________________________________________________________________
Power-OK Comparator
POK is the input to the power-OK comparator. The
comparator drives an internal N-channel MOSFET. The
MOSFET’s open-drain output, LCDON, can drive an
external PNP transistor or P-channel MOSFET, switch-
ing a positive VOUT to the LCD (Figures 6 and 7). When
the voltage at POK exceeds 1.125V (power OK),
LCDON goes low, turning on the external PNP transis-
tor. When the voltage at POK drops below 1.125V
(power not OK), the external PNP transistor turns off,
cutting off power to the LCD display. This feature
ensures that the LCD display is not damaged due to
improper voltage levels. During shutdown or undervolt-
age lockout, LCDON is high impedance.
Shutdown Mode
When SHDN is low, the MAX686 enters shutdown
mode, in which the control circuit, POK comparator,
DAC output buffer, reference, and internal biasing cir-
cuitry turn off. The DAC setting is stored as long as VCC
remains above the DAC reset threshold. Supply current
drops to 1.5µA. SHDN is a logic-level input; connect it
to VCC for normal operation.
The output voltage in shutdown mode depends on the
output voltage polarity. In the positive output voltage
configuration (Figure 1), the output is directly connect-
ed to the input through the diode (D1) and the inductor
(L1). When the device is in shutdown mode, the output
voltage falls to one diode drop below the input voltage,
and any load connected to the output may still conduct
current. In the negative output voltage configuration
(Figures 2 and 3), there is no DC path between the
input and the output, and the output falls to GND in
shutdown mode.
Internal DAC
The MAX686 contains an internal 6-bit counter and
DAC to control the output voltage digitally (see the sec-
tion
Setting the Output Voltage with the DAC). The UP
and DN input pins drive an internal up/down counter
that directly controls the DAC. To increase the magni-
tude of VOUT in the boost configuration, apply a rising
edge to UP. This decreases the DAC output voltage
one step and correspondingly increases VOUT.
Conversely, to decrease the magnitude of VOUT, apply
a rising edge to DN. This increases the DAC output
voltage one step and correspondingly decreases
VOUT. The UP and DN control direction reverses for a
negative output to maintain the same control direction of
the absolute magnitude of the output voltage. Upon
power-up, the DAC code internally goes to mid-scale.
The DAC’s internal counter does not roll over once it
reaches full scale or zero. Therefore, additional rising
edges to make the counter roll over are ignored, pre-
venting unexpected undervoltages or overvoltages.
Internal Reference
The MAX626’s 1.25V internal reference is accurate to
±2% over temperature. It can source up to 50µA of cur-
rent and should be bypassed with at least a 0.1µF
capacitor. See the
Bypass Capacitors section.
Design Procedure
Setting the Output Voltage with the DAC
For either positive or negative output voltage applica-
tions, set the MAX686’s output voltage using three exter-
nal resistors (R1, R2, and R3) as shown in Figures 1, 2,
and 3. Since the input bias current at FB has a 50nA
maximum value, large resistors can be used in the
feedback loop without a significant loss of accuracy.
Select R1 to be in the 10k
Ω to 220kΩ range and calcu-
late R2 and R3 using the applicable equations from the
following subsections.
Setting the Minimum Positive Output Voltage
The minimum output voltage is set with the resistor-
divider (R1-R2, Figure 1) from VOUT to FB. The mini-
mum output voltage occurs when VDACOUT = VFB =
1.25V. Therefore, R3 has no effect on the minimum out-
put voltage. Choose R1 to be 120k
Ω so that the current
in the divider is about 10µA. Then determine R2 as fol-
lows:
R2 = R1 x (VOUT(MIN) - VFB) / VFB
For example, if VOUT(MIN) = 12.5V:
R2 = 120k
Ω x (12.5 - 1.25) / (1.25) =1.08MΩ
Mount R1 and R2 close to the FB pin to minimize para-
sitic capacitance.
Setting the Maximum Positive Output Voltage
The DAC is adjustable from 0V to 1.25V in 64 steps,
and 1LSB = 1.25V / 63 = 19.8mV. Calculate R3 to
adjust VOUT with DACOUT (Figure 1).
For VOUT(MAX) = 25V and VOUT(MIN) = 12.5V, deter-
mine R3 as follows:
R3 = R2 x (VFB) / (VOUT(MAX) - VOUT(MIN))
= 1.08M
Ω x (1.25) / (25 - 12.5) = 108kΩ
The general form for VOUT as a function of the DAC out-
put (VDACOUT) is:
VOUT = VOUT(MIN) + (VFB - VDACOUT) x R2 / R3
At power-up, the DAC resets to mid-scale where
VDACOUT = 0.635V. Therefore, the output voltage after
power-up is:
VOUT(MID) = VOUT(MIN) + (1.25 - 0.635) x
R2 / R3 = 18.65V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com