Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX686EEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX686EEE
Description  DAC-Controlled Boost/Inverter LCD Bias Supply with Internal Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX686EEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX686EEE Datasheet HTML 8Page - Maxim Integrated Products MAX686EEE Datasheet HTML 9Page - Maxim Integrated Products MAX686EEE Datasheet HTML 10Page - Maxim Integrated Products MAX686EEE Datasheet HTML 11Page - Maxim Integrated Products MAX686EEE Datasheet HTML 12Page - Maxim Integrated Products MAX686EEE Datasheet HTML 13Page - Maxim Integrated Products MAX686EEE Datasheet HTML 14Page - Maxim Integrated Products MAX686EEE Datasheet HTML 15Page - Maxim Integrated Products MAX686EEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Feed-Forward Capacitors
Parallel a feed-forward capacitor (CF) across R2 to com-
pensate the feedback loop and ensure stability (Figure
4). Use values up to 100pF for most applications.
Choose the lowest capacitor value that ensures stability;
high capacitance values may degrade line regulation.
Applications Information
Using a Potentiometer to Adjust the
Output Voltage
The output can be adjusted with a potentiometer
instead of the DAC (Figure 5). Choose RPOT = 100k
Ω
and connect it between REF and GND. Connect R3 to
the potentiometer’s wiper instead of to DACOUT. Use
the same design equations for adjusting the output volt-
age with the DAC.
Controlling the LCD Using
POK and
LLC
CD
DO
ON
N
When the voltage at POK is greater than 1.125V (typical),
the open-drain LCDON output pulls low. LCDON can
withstand up to 27.5V to control an external PNP transis-
tor to switch on the MAX686’s positive output (Figures 6
and 7). A PFET can also be used, but a resistor-divider
must be used in conjunction with it, so that the PFET does
not exceed its VGS rating. Three useful applications of
this feature are as follows:
•
An off-switch driver to ensure that a positive boosted
output goes to 0V during shutdown. Connect POK to
SHDN. Without this switch, the positive output falls to
one diode drop below the input voltage (VIN) in shut-
down. LCDON is not needed for negative outputs,
which already fall to 0V in shutdown.
•
An input-sensing cutoff for positive outputs. Connect
POK to a voltage divider to sense the input voltage.
The output switches on only when the input reaches
the set level (Figure 6).
•
An output-sensing cutoff for positive outputs. Connect
POK to the feedback voltage divider to sense the out-
put voltage. The output switches on only when it
reaches 90% of the set voltage (Figure 7).
For positive output voltage sensing, connect POK
directly to FB to monitor the output voltage (Figure 7).
The POK threshold is 10% less than the set voltage at
FB. Therefore, when the output voltage drops 10%
below its set value, the POK circuit turns off the external
PNP transistor, disconnecting the load.
For input voltage sensing, a resistor-divider (R4-R5,
Figure 6) from VIN to POK controls the open-drain out-
put LCDON, which pulls low when VPOK > 1.125V.
Choose R5 = 100k
Ω. For example, if the minimum bat-
tery voltage is 5.3V, then determine R4 as follows:
R4 = R5 x [(VIN / VPOK) - 1]
= 100k x [(5.3 / 1.125) -1] = 371k
Ω
LCDON typically drives a low-cost PNP transistor (such
as a 2N2907 or equivalent), switching a positive VOUT to
the LCD. Choose a PNP with low VCESAT at the required
load current. R7 limits the base current in the PNP, and
DAC-Controlled Boost/Inverter
LCD Bias Supply with Internal Switch
______________________________________________________________________________________
13
MAX686
VCC
VOUTSW
VOUT
ILCD
POSITIVE
OUTPUT
VOLTAGE
VIN = 0.8V
TO 27.5V
POK
GND
R4
R5
LX
DACOUT
LCDON
FB
R6
R2
22
µH
R1
R3
MBR0530L
R7
Figure 6. Using the POK for Input Voltage Monitoring
MAX686
VCC
VOUTSW
VOUT
ILCD
POSITIVE
OUTPUT
VOLTAGE
VIN = 0.8V
TO 27.5V
GND
LX
R2
R1
R3
DACOUT
MBR0530L
LCDON
FB
POK
R6
R7
22
µH
Figure 7. Using the POK for Output Voltage Monitoring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com