Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX686EEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX686EEE
Description  DAC-Controlled Boost/Inverter LCD Bias Supply with Internal Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX686EEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX686EEE Datasheet HTML 2Page - Maxim Integrated Products MAX686EEE Datasheet HTML 3Page - Maxim Integrated Products MAX686EEE Datasheet HTML 4Page - Maxim Integrated Products MAX686EEE Datasheet HTML 5Page - Maxim Integrated Products MAX686EEE Datasheet HTML 6Page - Maxim Integrated Products MAX686EEE Datasheet HTML 7Page - Maxim Integrated Products MAX686EEE Datasheet HTML 8Page - Maxim Integrated Products MAX686EEE Datasheet HTML 9Page - Maxim Integrated Products MAX686EEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
DAC-Controlled Boost/Inverter
LCD Bias Supply with Internal Switch
6
_______________________________________________________________________________________
_____________________________Typical Operating Characteristics (continued)
(Circuits of Figures 1 and 2, VCC = VDD = VIN = +5V, L1 = 22µH, SHDN = VCC, CREF = 0.1µF, TA = +25°C, unless otherwise noted.)
VOUT
50mV/div
AC-COUPLED
3V
5V
LINE-TRANSIENT RESPONSE
(ISET = VCC)
MAX686 TOC10
5ms/div
VCC = VDD =VIN
VOUT
50mV/div
AC-COUPLED
3V
5V
LINE-TRANSIENT RESPONSE
(ISET = GND)
MAX686 TOC10A
5ms/div
VOUT = 24V
ILOAD = 5mA
VCC = VDD = VIN
VOUT
IOUT
20mV/div
AC-COUPLED
100
µA
5mA
LOAD-TRANSIENT RESPONSE
(ISET = GND)
MAX686 TOC11
2ms/div
VOUT = 24V
VOUT
IOUT
50mV/div
AC-COUPLED
100
µA
5mA
LOAD-TRANSIENT RESPONSE
(ISET = VCC)
MAX686 TOC12
2ms/div
VOUT = 24V
VOUT
5V/div
5V
18.7V
POWER-UP RESPONSE
(POSITIVE CONFIGURATION)
MAX686 TOC13A
500
µs/div
SHDN
2V/div
ISET = VCC
RL = 4.7kΩ
VOUT
5V/div
5V
18.7V
POWER-DOWN RESPONSE
(POSITIVE CONFIGURATION)
MAX686 TOC13B
5ms/div
SHDN
2V/div
ISET = VCC
RL = 4.7kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com