Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX686EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX686EEE
Description  DAC-Controlled Boost/Inverter LCD Bias Supply with Internal Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX686EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX686EEE Datasheet HTML 1Page - Maxim Integrated Products MAX686EEE Datasheet HTML 2Page - Maxim Integrated Products MAX686EEE Datasheet HTML 3Page - Maxim Integrated Products MAX686EEE Datasheet HTML 4Page - Maxim Integrated Products MAX686EEE Datasheet HTML 5Page - Maxim Integrated Products MAX686EEE Datasheet HTML 6Page - Maxim Integrated Products MAX686EEE Datasheet HTML 7Page - Maxim Integrated Products MAX686EEE Datasheet HTML 8Page - Maxim Integrated Products MAX686EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX686 DAC-controlled boost/inverter IC converts
a positive input voltage to a positive or negative LCD
bias voltage up to +27.5V or -27.5V. The device features
an internal N-channel MOSFET switch, programmable
current limiting, and an internal 6-bit digital-to-
analog converter (DAC) for digital adjustment of the
output voltage. It comes in a small 16-pin QSOP pack-
age (same size as an 8-pin SO).
The MAX686 uses a current-limited, pulse-frequency-
modulation (PFM) control scheme to provide high effi-
ciency over a wide range of load conditions. Its high
switching frequency (up to 300kHz) allows the use of
small external components.
An LCDON output allows the LCD bias voltage to be
automatically disabled when the display logic voltage is
removed, protecting the display. The MAX686 has a
+2.7V to +5.5V input voltage range for the IC, and a
+0.8V to +27.5V input voltage range for the inductor.
Typical quiescent supply current is 65µA. Shutdown
current is 1.5µA.
The MAX686 offers high-level integration to save space,
reduce power consumption, and increase battery life,
making it an excellent choice for battery-powered
portable equipment. The MAX629 is similar to the
MAX686, except that it does not contain a built-in DAC.
Both devices have evaluation kits to facilitate designs.
Applications
Positive or Negative LCD Bias
Personal Digital Assistants
Notebook Computers
Portable Data-Collection Terminals
Palmtop Computers
Varactor Tuning Diode Bias
____________________________Features
o Internal 500mA, 28V N-Channel Switch
(no external FET required)
o Adjustable Output Voltage to +27.5V or -27.5V
o 6-Bit DAC-Controlled Output Voltage
o Up to 90% Efficiency
o Small 16-Pin QSOP Package
(Same size as 8-pin SO)
o Power-OK Indicator
o 65µA Quiescent Current
o 1.5µA Shutdown Current
o Up to 300kHz Switching Frequency
DAC-Controlled Boost/Inverter
LCD Bias Supply with Internal Switch
________________________________________________________________
Maxim Integrated Products
1
19-1327; Rev 1; 2/98
PART
MAX686C/D
MAX686EEE
-40°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
Dice*
16 QSOP
EVALUATION
KIT
AVAILABLE
Ordering Information
*
Dice are specified at TA = +25°C, DC parameters only.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
Functional Diagram appears at end of data sheet.
MAX686
VCC
VDD
VOUT
22
µH
VIN = 0.8V TO 27.5V
UP
SHDN
DN
POL
GND
PGND
LX
DACOUT
LCDON
FB
REF
POK
ISET
0.1
µF
R3
R2
MBR0530L
R1
ON/OFF
DAC CONTROL
VCC = 2.7V TO 5.5V
0.1
µF
Typical Operating Circuit
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
PGND
LX
N.C.
LCDON
GND
POK
FB
REF
TOP VIEW
MAX686
QSOP
UP
DN
ISET
POL
VDD
VCC
SHDN
DACOUT
Pin Configuration


Similar Part No. - MAX686EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX686EVKIT MAXIM-MAX686EVKIT Datasheet
98Kb / 8P
fully assembled and tested surface-mount circuit board Evaluation Kit
1998
More results

Similar Description - MAX686EEE

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLB1600 ZETEX-ZXLB1600 Datasheet
232Kb / 7P
LCD BIAS BOOST CONVERTER
logo
Maxim Integrated Produc...
MAX1605 MAXIM-MAX1605 Datasheet
347Kb / 12P
30V Internal Switch LCD Bias Supply
19-1666; Rev 1; 10/03
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
logo
Rohm
BD8152FVM ROHM-BD8152FVM Datasheet
355Kb / 6P
TFT-LCD Bias Boost Converter
BD8158FVM ROHM-BD8158FVM Datasheet
302Kb / 6P
TFT-LCD Bias Boost Converter
logo
Texas Instruments
TPS65170 TI-TPS65170 Datasheet
4Mb / 33P
LCD Bias Supply
logo
List of Unclassifed Man...
ZLED7015 ETC2-ZLED7015 Datasheet
724Kb / 23P
1.0MHz Boost Converter with Internal 35V Switch
logo
Maxim Integrated Produc...
MAX1605 MAXIM-MAX1605_V01 Datasheet
1Mb / 10P
30V Internal Switch LCD Bias Supply
2018
MAX1606 MAXIM-MAX1606_V01 Datasheet
664Kb / 10P
28V Internal Switch LCD Bias Supply with True Shutdown
2004
logo
Renesas Technology Corp
ZLED7015 RENESAS-ZLED7015 Datasheet
696Kb / 23P
1.0MHz Boost Converter with Internal 35V Switch
April 20, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com