Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX686EEE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX686EEE
Description  DAC-Controlled Boost/Inverter LCD Bias Supply with Internal Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX686EEE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX686EEE Datasheet HTML 5Page - Maxim Integrated Products MAX686EEE Datasheet HTML 6Page - Maxim Integrated Products MAX686EEE Datasheet HTML 7Page - Maxim Integrated Products MAX686EEE Datasheet HTML 8Page - Maxim Integrated Products MAX686EEE Datasheet HTML 9Page - Maxim Integrated Products MAX686EEE Datasheet HTML 10Page - Maxim Integrated Products MAX686EEE Datasheet HTML 11Page - Maxim Integrated Products MAX686EEE Datasheet HTML 12Page - Maxim Integrated Products MAX686EEE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DAC-Controlled Boost/Inverter
LCD Bias Supply with Internal Switch
_______________________________________________________________________________________
9
Figure 3. Alternative Negative Output Voltage Application Circuit
MAX686
VCC
VDD
|VOUT| ≤ (27.5V - VIN)
D1
MBR0530L
D2
MBR0530L
L1
22
µH
R4
2
Ω
NEGATIVE
OUTPUT
VOLTAGE
VIN = 0.8V TO 27.5V
UP
POL
SHDN
DN
GND
PGND
LX
DACOUT
LCDON
FB
REF
POK
ISET
0.1
µF
2.2
µF
2.2
µF
R3
R2
R1
ON/OFF
DAC CONTROL
CF
470pF
VCC = 2.7V TO 5.5V
0.1
µF
15
µF
Detailed Description
The MAX686 is a step-up converter that contains an
internal N-channel MOSFET switch to convert a +0.8V
to +27.5V battery voltage to a higher positive or a nega-
tive voltage. Figure 1 shows the MAX686 configured to
produce a positive output voltage. Figure 2 shows the
MAX686 configured with one additional diode and
capacitor to produce a negative output voltage. Figure
3 shows an alternative method for developing negative
output voltages. Set the output voltage with an external
resistor-divider network. Adjust the output voltage with
the internal digital-to-analog converter (DAC). The
MAX686’s current-limited pulse-frequency-modulation
(PFM) control scheme has programmable current limit-
ing and provides high efficiency over a wide range of
load conditions.
Boost Control Scheme (POL = GND)
A combination of peak current limiting and a pair of one-
shots controls the MAX686 switching. During the on-
cycle, the internal switch closes, and current through
the inductor ramps up until either the fixed 10µs maxi-
mum on-time expires (at low input voltages) or the
switch peak current limit is reached. The peak current
limit is selectable to either 500mA (ISET = VCC) or
250mA (ISET = GND) (see the section
Setting the Peak
Inductor Current Limit).
After the on-cycle terminates, the switch turns off, and
the inductor charges the output capacitor through the
diode. If the output is out of regulation after the mini-
mum off-time has transpired, another on-cycle begins.
If the output is within regulation when the minimum off-
time transpires, the off-cycle extends until the output
falls out of regulation, at which point an on-cycle starts.
The MAX686 regulates the voltage on FB (VFB) to
1.25V. When the output is well below regulation (VFB is
less than 1V and the switch current limit is exceeded),
the MAX686 operates in initial power-up mode, and the
minimum off-time increases to 5µs to provide soft-start.
The switching frequency, which depends on the load,
the input voltage, and the output voltage, can be as
high as 300kHz.
Inverting Control Scheme (POL = VCC)
In inverting operation, the MAX686 regulates the volt-
age on FB (VFB) to 0V, and the error amplifier’s polarity
is reversed. The minimum off-time changes to 3.5µs for
negative output voltages. When the output is well below
regulation (VFB is 0.25V or more and the switch current
limit is exceeded), initial power-up is assumed, and the
minimum off-time increases to 5µs to provide soft-start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com