Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB839 Datasheet(PDF) 6 Page - CML Microcircuits

Part # DB839
Description  Two Variable Attenuators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB839 Datasheet(HTML) 6 Page - CML Microcircuits

Back Button DB839 Datasheet HTML 2Page - CML Microcircuits DB839 Datasheet HTML 3Page - CML Microcircuits DB839 Datasheet HTML 4Page - CML Microcircuits DB839 Datasheet HTML 5Page - CML Microcircuits DB839 Datasheet HTML 6Page - CML Microcircuits DB839 Datasheet HTML 7Page - CML Microcircuits DB839 Datasheet HTML 8Page - CML Microcircuits DB839 Datasheet HTML 9Page - CML Microcircuits DB839 Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Digitally Controlled Analog I/O Processor
6
MX839 PRELIMINARY INFORMATION
© 1998 MX
xCOM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480164.002
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
4
General Description
The device comprises four groups of related functions: variable attenuators, digital to analog converters, a multiplexed
analog to digital converter with multiplexer, clock generator and four 8-bit magnitude comparators with variable reference
levels. These functions are all controlled by the 'C-BUS' serial interface and are described below:
4.1
Variable Attenuators
The two variable attenuators have a range of 0 to -12dB and 0 to -6dB respectively and may be controlled independently.
4.2
Digital to Analog Converters
Three DACs are provided with default resolutions of 8 bits, which are defined at the initial chip reset. In this mode the
'C-BUS' data is transferred in a single byte. An option is provided to define any one or more of the DAC resolutions to be
10 bits, then the DAC requires the transfer of two 'C-BUS' data bytes.
The upper and lower DAC reference voltages are defined internally as AVDD and VSS respectively. The output voltage is
expressed as:
VOUT = AVDD x (DATA / 2n) [Volts]
Where, n is the DAC resolution (8 or 10 bits) and DATA is the decimal value of the input code. For example: n = 8 and
binary code = 11111111 therefore DATA = 255
VOUT = AVDD x (255 / 256) [Volts]
Any one of the three DAC input latches might be loaded by sending an address/command byte followed by one or two
data bytes to the 'C-BUS' interface. The data is then latched and the static voltage is updated at the appropriate output.
When a DAC is disabled, its output is defined as open-circuit.
4.3
Analog to Digital Converter and A/D Clock Generator
A single successive approximation A/D is provided with four multiplexed inputs. After a general reset command $01, the
A/D converter subsystem is disabled. To start conversions the Clock Control ($D0) and A/D control ($D7) registers must
be written (refer to Tables 2,6, and 8). Please note that A/D channel 1 must be active for any other channel to work. Also
note that A/D control register bit 5 ( READ ) should be set low prior to issuing a ‘READ A/D DATA x’ command to disable
conversions so the data being read does not change during the read which could otherwise result in erroneous data being
read. To re-enable conversions the A/D control register bit 5 ( READ ) bit must be set back high.
The internal A/D clock frequency (fA/D_CLK) is generated with a programmable clock generator. Users have flexible
control of this clock signal via the Clock Control Register ($D0), DIVIDER set per Table 6, and the choice of an external
system clock signal or a dedicated crystal. fA/D_CLK should be chosen not to exceed 1MHz.
Since the typical application is for monitoring slowly changing control voltages, a Sample and Hold circuit is not included
at the input of the A/D. Thus, for the analog to digital conversion to be accurate, the input signal should not change
significantly during the conversion time. For ‘n-bit’ accuracy (with a maximum error of 1LSB) the maximum signal ‘linear
rate of change,’ ‘S,’ is defined by:
)
2
+
n
(
1000
2
f
AV
=
S
n
A/D_CLK
DD
[mV/
PS]
where: n is the number of bits of accuracy with a maximum error of 1 LSB
where:
DIVIDER
f
=
f
XTAL
A/D_CLK
, DIVIDER is selected per Table 6.
For Example: The most significant bits (n) of accuracy.
For (n = 6) bit accuracy with AVDD=5V and fA/D_CLK = 1MHz
S = 9.77 [mV/
PS]
For (n = 8) bit accuracy with AVDD=5V and fA/D_CLK = 1MHz
S = 1.95 [mV/
PS]
For (n = 10) bit accuracy with AVDD=3.3V and fA/D_CLK = 1MHz
S = 0.27 [mV/
PS]
The input signal should therefore be band limited to ensure the maximum signal ‘linear rate of change’ is not exceeded for
the desired accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com