Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB839 Datasheet(PDF) 12 Page - CML Microcircuits

Part # DB839
Description  Two Variable Attenuators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB839 Datasheet(HTML) 12 Page - CML Microcircuits

Back Button DB839 Datasheet HTML 8Page - CML Microcircuits DB839 Datasheet HTML 9Page - CML Microcircuits DB839 Datasheet HTML 10Page - CML Microcircuits DB839 Datasheet HTML 11Page - CML Microcircuits DB839 Datasheet HTML 12Page - CML Microcircuits DB839 Datasheet HTML 13Page - CML Microcircuits DB839 Datasheet HTML 14Page - CML Microcircuits DB839 Datasheet HTML 15Page - CML Microcircuits DB839 Datasheet HTML 16Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Digitally Controlled Analog I/O Processor
12
MX839 PRELIMINARY INFORMATION
© 1998 MX
xCOM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480164.002
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
4.7.4
DAC CONTROL Register (Hex address $D3)
This register controls the resolution and the number of enabled DAC outputs:
NBIT DAC1 (Bit 7)
NBIT DAC2 (Bit 6)
NBIT DAC3 (Bit 5)
These bits define the input resolutions for each of the four DACs. When 'NBIT DAC
n' is '0' the
resolution of DAC
n is 8-Bits. When 'NBIT DACn is '1' the resolution of DACn is 10-Bits.
(Bit 4)
Reserved for future use. This bit should be set to '0'.
DAC1 ENABLE (Bit 3)
DAC2 ENABLE (Bit 2)
DAC3 ENABLE (Bit 1)
These bits allow any one or more of the three DACs to be powered up. When '0' the DAC
n is
powered down and the output is high impedance. When '1' the DAC is powered on and the
output voltage is defined by the DAC Data Registers.
(Bit 0)
Reserved for future use. This bit should be set to '0'.
4.7.5
DAC1 DATA Register (Hex Address $D4)
4.7.6
DAC2 DATA Register (Hex Address $D5)
4.7.7
DAC3 DATA Register (Hex Address $D6)
The data in these three registers sets the analog voltage at the output of DAC1, DAC2 and DAC3. This data will consist
of one or two bytes depending on the defined input resolution that is set by bits 7, 6 and 5 of the DAC Control Register.
When operating with 10-bit resolution Bit 7 to Bit 2 of the DAC
n DATA Register second data byte must be set to "0".
4.7.8
A/D CONTROL Register (Hex Address $D7)
This register sets which channels are active and enables conversion mode or read mode.
(Bit 7)
Reserved for future use. This bit should be set to '0'.
(Bit 6)
Reserved for future use. This bit should be set to ‘1’.
READ
(Bit 5)
When this bit is set to ‘1’ all active channels are continuously sampled and the latest converted
data stored for each channel. When this bit is set to ‘0’ all conversions are stopped so that they
may be read.
A/D1 ACTIVE (Bit 4)
A/D2 ACTIVE (Bit 3)
A/D3 ACTIVE (Bit 2)
A/D4 ACTIVE (Bit 1)
These bits allow any one or more of the four A/D input channels to be enabled. When '0' the
A/DIN
n input voltage is not converted. When '1' the A/DINn input is defined as active and the
input voltage is converted. A/D1 must be active for any other channel to be active.
(Bit 0)
Reserved for future use. This bit should be set to ‘0’.
Table 8: A/D CONTROL Register (Hex Address $D7)
4.7.9
MAG COMP ONE LEVELS (Hex Address $D8)
4.7.10 MAG COMP TWO LEVELS (Hex Address $D9)
4.7.11 MAG COMP THREE LEVELS (Hex Address $DA)
4.7.12 MAG COMP FOUR LEVELS (Hex Address $DB)
Each address controls the relevant numbered A/D magnitude comparator.
The first byte, transmitted with the most significant bit first, sets the magnitude comparator upper reference level and the
second byte sets the magnitude comparator lower reference level.
When a reference level's value is set to '0' its IRQ is disabled.
In general, if a reference level’s value is R (unsigned decimal value of data byte)
[]
Volts
256
R
×
AV
=
V
DD
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com