Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB839 Datasheet(PDF) 8 Page - CML Microcircuits

Part # DB839
Description  Two Variable Attenuators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB839 Datasheet(HTML) 8 Page - CML Microcircuits

Back Button DB839 Datasheet HTML 4Page - CML Microcircuits DB839 Datasheet HTML 5Page - CML Microcircuits DB839 Datasheet HTML 6Page - CML Microcircuits DB839 Datasheet HTML 7Page - CML Microcircuits DB839 Datasheet HTML 8Page - CML Microcircuits DB839 Datasheet HTML 9Page - CML Microcircuits DB839 Datasheet HTML 10Page - CML Microcircuits DB839 Datasheet HTML 11Page - CML Microcircuits DB839 Datasheet HTML 12Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Digitally Controlled Analog I/O Processor
8
MX839 PRELIMINARY INFORMATION
© 1998 MX
xCOM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480164.002
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
4.5.2
Write Only Register (8-Bit and 16-Bit)
HEX
ADDRESS/
COMMAN
D
REGISTER
NAME
BIT 7
(D7)
BIT 6
(D6)
BIT 5
(D5)
BIT 4
(D4)
BIT 3
(D3)
BIT 2
(D2)
BIT 1
(D1)
BIT 0
(D0)
$01
RESET
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
CLOCK
DIVIDER
$D0
CONTROL
0
0
0
0
0
BIT 2
BIT 1
BIT 0
VARIABLE
MOD1
MOD1
$D2
ATTENUATOR (1)
0
0
ENABLE
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
VARIABLE
MOD2
MOD2
ATTENUATOR (2)
0
0
ENABLE
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
DAC
NBIT
NBIT
NBIT
DAC1
DAC2
DAC3
$D3
CONTROL
DAC1
DAC2
DAC3
0
ENABLE
ENABLE
ENABLE
0
DAC1 DATA
$D4
(1)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
*See Note 1
(2)
0
0
0
0
0
0
BIT 9
BIT 8
DAC2 DATA
$D5
(1)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
*See Note 1
(2)
0
0
0
0
0
0
BIT 9
BIT 8
DAC3 DATA
$D6
(1)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
*See Note 1
(2)
0
0
0
0
0
0
BIT 9
BIT 8
A/D
A/DIN1
A/DIN2
A/DIN3
A/DIN4
$D7
CONTROL
0
1
READ
ACTIVE
ACTIVE
ACTIVE
ACTIVE
0
MAG COMP ONE
MAGNITUDE COMPARATOR UPPER LEVEL
$D8
LEVELS (1)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
MAG COMP ONE
MAGNITUDE COMPARATOR LOWER LEVEL
LEVELS (2)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
MAG COMP TWO
MAGNITUDE COMPARATOR UPPER LEVEL
$D9
LEVELS (1)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
MAG COMP TWO
MAGNITUDE COMPARATOR LOWER LEVEL
LEVELS (2)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
MAG COMP THREE
MAGNITUDE COMPARATOR UPPER LEVEL
$DA
LEVELS (1)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
MAG COMP THREE
MAGNITUDE COMPARATOR LOWER LEVEL
LEVELS (2)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
MAG COMP FOUR
MAGNITUDE COMPARATOR UPPER LEVEL
$DB
LEVELS (1)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
MAG COMP FOUR
MAGNITUDE COMPARATOR LOWER LEVEL
LEVELS (2)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Table 2: Write Only Register (8-Bit and 16-Bit)
Note
1.
A second byte is expected by the 'C-BUS' interface only when the 'NBIT DAC
n' bit of the 'DAC Control Register' is
set high. Otherwise, the data transfer is a single byte (Bit 7 to Bit 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com