Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB839 Datasheet(PDF) 11 Page - CML Microcircuits

Part # DB839
Description  Two Variable Attenuators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB839 Datasheet(HTML) 11 Page - CML Microcircuits

Back Button DB839 Datasheet HTML 7Page - CML Microcircuits DB839 Datasheet HTML 8Page - CML Microcircuits DB839 Datasheet HTML 9Page - CML Microcircuits DB839 Datasheet HTML 10Page - CML Microcircuits DB839 Datasheet HTML 11Page - CML Microcircuits DB839 Datasheet HTML 12Page - CML Microcircuits DB839 Datasheet HTML 13Page - CML Microcircuits DB839 Datasheet HTML 14Page - CML Microcircuits DB839 Datasheet HTML 15Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Digitally Controlled Analog I/O Processor
11
MX839 PRELIMINARY INFORMATION
© 1998 MX
xCOM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480164.002
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
4.7.3
VARIABLE ATTENUATOR Register (Hex address $D2)
This is a 16-bit register. Byte (1) is sent first. Bits 0 - 5 of the first byte in this register are used to enable and set the
attenuation of the Modulator 1 amplifier. Bits 0 - 5 of the second byte in this register are used to enable and set the
attenuation of the Modulator 2 amplifier. See Table 7.
5
4
3
2
1
0
Mod. 1 Attenuation
5
4
3
2
1
0
Mod. 2 Attenuation
0
X
X
X
X
X
Disabled (VBIAS)
0
X
X
X
X
X
Disabled (VBIAS)
1
0
0
0
0
0
>40dB
1
0
0
0
0
0
>40dB
10
00
01
12.0dB
10
00
01
6.0dB
10
00
10
11.6dB
10
00
10
5.8dB
10
00
11
11.2dB
10
00
11
5.6dB
10
01
00
10.8dB
10
01
00
5.4dB
10
01
01
10.4dB
10
01
01
5.2dB
10
01
10
10.0dB
10
01
10
5.0dB
10
01
11
9.6dB
10
01
11
4.8dB
10
10
00
9.2dB
10
10
00
4.6dB
10
10
01
8.8dB
10
10
01
4.4dB
10
10
10
8.4dB
10
10
10
4.2dB
10
10
11
8.0dB
10
10
11
4.0dB
10
11
00
7.6dB
10
11
00
3.8dB
10
11
01
7.2dB
10
11
01
3.6dB
10
11
10
6.8dB
10
11
10
3.4dB
10
11
11
6.4dB
10
11
11
3.2dB
11
00
00
6.0dB
11
00
00
3.0dB
11
00
01
5.6dB
11
00
01
2.8dB
11
00
10
5.2dB
11
00
10
2.6dB
11
00
11
4.8dB
11
00
11
2.4dB
11
01
00
4.4dB
11
01
00
2.2dB
11
01
01
4.0dB
11
01
01
2.0dB
11
01
10
3.6dB
11
01
10
1.8dB
11
01
11
3.2dB
11
01
11
1.6dB
11
10
00
2.8dB
11
10
00
1.4dB
11
10
01
2.4dB
11
10
01
1.2dB
11
10
10
2.0dB
11
10
10
1.0dB
11
10
11
1.6dB
11
10
11
0.8dB
11
11
00
1.2dB
11
11
00
0.6dB
11
11
01
0.8dB
11
11
01
0.4dB
11
11
10
0.4dB
11
11
10
0.2dB
11
11
11
0dB
11
11
11
0dB
X = don't care
MOD1 ENABLE
(Bit 5, first byte)
When this bit is '1' the MOD1 attenuator is enabled.
When this bit is '0' the MOD1 attenuator is disabled (i.e. powersaved).
MOD2 ENABLE
(Bit 5, second byte)
When this bit is '1' the MOD2 attenuator is enabled.
When this bit is '0' the MOD2 attenuator is disabled (i.e. powersaved).
(Bits 7 and 6, first
and second bytes)
Reserved for future use. These should be set to '0'.
Table 7: VARIABLE ATTENUATOR Register (Hex address $D2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com