Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB839 Datasheet(PDF) 9 Page - CML Microcircuits

Part # DB839
Description  Two Variable Attenuators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB839 Datasheet(HTML) 9 Page - CML Microcircuits

Back Button DB839 Datasheet HTML 5Page - CML Microcircuits DB839 Datasheet HTML 6Page - CML Microcircuits DB839 Datasheet HTML 7Page - CML Microcircuits DB839 Datasheet HTML 8Page - CML Microcircuits DB839 Datasheet HTML 9Page - CML Microcircuits DB839 Datasheet HTML 10Page - CML Microcircuits DB839 Datasheet HTML 11Page - CML Microcircuits DB839 Datasheet HTML 12Page - CML Microcircuits DB839 Datasheet HTML 13Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Digitally Controlled Analog I/O Processor
9
MX839 PRELIMINARY INFORMATION
© 1998 MX
xCOM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480164.002
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
4.6
Read Only Registers (8-Bit and 16-Bit)
HEX
ADDRESS/
COMMAND
REGISTER
NAME
BIT 7
(D7)
BIT 6
(D6)
BIT 5
(D5)
BIT 4
(D4)
BIT 3
(D3)
BIT 2
(D2)
BIT 1
(D1)
BIT 0
(D0)
$D1
IRQ
FLAGS
HIRQF
4
LIRQF
4
HIRQF
3
LIRQF
3
HIRQF
2
LIRQF
2
HIRQF
1
LIRQF
1
$DC
A/D DATA1
(1)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(2)
0
0
0
0
0
0
BIT 9
BIT 8
$DD
A/D DATA2
(1)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(2)
0
0
0
0
0
0
BIT 9
BIT 8
$DE
A/D DATA3
(1)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(2)
0
0
0
0
0
0
BIT 9
BIT 8
$DF
A/D DATA4
(1)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(2)
0
0
0
0
0
0
BIT 9
BIT 8
Table 3: Read Only Registers (8-Bit and 16-Bit)
4.7
Write Only Register Description
4.7.1
RESET Register (Hex Address $01)
The reset command has no data attached to it. It sets the device registers into the specific states listed below:
REGISTER NAME
BIT 7
(D7)
BIT 6
(D6)
BIT 5
(D5)
BIT 4
(D4)
BIT 3
(D3)
BIT 2
(D2)
BIT 1
(D1)
BIT 0
(D0)
CLOCK CONTROL
0
0
0
0
0
0
0
0
DAC CONTROL
0
0
0
0
0
0
0
0
DAC1 DATA1
00
000
00
0
DAC2 DATA1
00
000
00
0
DAC3 DATA1
00
000
00
0
A/D CONTROL
0
0
0
0
0
0
0
0
VARIABLE ATTENUATOR
(1)
0
0
0
0
0
0
0
0
(2)
0
0
000
00
0
MAG COMP ONE LEVELS
(1)
0
0
0
0
0
0
0
0
(2)
0
0
000
00
0
MAG COMP TWO LEVELS
(1)
0
0
0
0
0
0
0
0
(2)
0
0
000
00
0
MAG COMP THREE LEVELS
(1)
0
0
0
0
0
0
0
0
(2)
0
0
000
00
0
MAG COMP FOUR LEVELS
(1)
0
0
0
0
0
0
0
0
(2)
0
0
000
00
0
Table 4: RESET Register (Hex Address $01)
Note
1.
Default resolution is defined as 8-Bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com