Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB839 Datasheet(PDF) 1 Page - CML Microcircuits

Part # DB839
Description  Two Variable Attenuators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB839 Datasheet(HTML) 1 Page - CML Microcircuits

  DB839 Datasheet HTML 1Page - CML Microcircuits DB839 Datasheet HTML 2Page - CML Microcircuits DB839 Datasheet HTML 3Page - CML Microcircuits DB839 Datasheet HTML 4Page - CML Microcircuits DB839 Datasheet HTML 5Page - CML Microcircuits DB839 Datasheet HTML 6Page - CML Microcircuits DB839 Datasheet HTML 7Page - CML Microcircuits DB839 Datasheet HTML 8Page - CML Microcircuits DB839 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
DATA BULLETIN
MX839
© 1998 MX
xCOM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480164.002
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
Digitally Controlled
Analog I/O Processor
PRELIMINARY INFORMATION
Features
Applications
x 4 input intelligent 10 bit A/D monitoring
subsystem
4 High and 4 Low Comparators
External IRQ Generator
Free Running Operation
x Three 8/10 bit DACs
x Two Variable Attenuators
x Selectable A/D Clock Frequencies
x Full Control via 4-wire Serial Interface
x Low Power 3.0 Operation
x PCS, Cellular, LMR, Wireless
Transceivers, and General Purpose
x Monitor and Control:
RSSI, Battery State, Temperature,
VSWR, and Error Voltages
x Digital Trim and Calibration:
VCOs, TCXO, Power Output, Bias,
Current, IF Gain, Deviation,
Modulation Depth, and Baseband
Gain
RSSI
VSWR
TX POWER
REF. OFFSET TRIM
MOD 1 OUT
µC
BATTERY STATE
TEMPERATURE
RECEIVER
RF TRANSMITTER
TRANSMITTER
MODULATOR
RADIO
BATTERY
SYSTEM
MX839
4 x 10 bit Free Run A/D
4 x Hi Comparator
4 x Low Comparator
IRQ on Compare
2 x
Variable
Attenuator
3 x
8/10 bit
DAC
Clock Osc
& Dividers
C-BUS Interface
& Control Logic
VCO TRIM
MOD 1 IN
C-BUS SERIAL BUS 0 : 3
MOD 2 OUT
MOD 2 IN
The MX839 is a low power CMOS µC peripheral device which provides digitally controlled calibration, trimming, and
monitoring functions for PCS, cellular, LMR, wireless transceivers, and general purpose applications.
Featuring a four input intelligent 10 bit A/D monitoring subsystem, an interrupt generator, three 8/10 bit DACs, and two
variable attenuator functions, the MX839 automatically monitors, produces, and trims up to nine analog signals via a
simple four wire serial control bus. The free running A/D intelligent monitoring subsystem includes independent high and
low limit comparators for each of four analog input signals which can be configured to generate external µC interrupts.
The MX839’s high level of integration reduces end product parts count, component size, and software complexity. MX839
digital trimming functions also reduce manufacturing costs by eliminating manual trimming operations.
Featuring an operating range of 3.0V to 5.5V the MX839 is available in 24-pin SSOP (MX839DS), 24-pin SOIC
(MX839DW), and 24-pin PDIP (MX839P) packages.


Similar Part No. - DB839

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
DB8 TEC-DB8 Datasheet
362Kb / 3P
Compact RFI High Current DC Inlet Connection
logo
DIOTEC Electronics Corp...
DB800 DEC-DB800 Datasheet
405Kb / 2P
8 AMP SILICON BRIDGE RECTIFIERS
DB801 DEC-DB801 Datasheet
405Kb / 2P
8 AMP SILICON BRIDGE RECTIFIERS
DB802 DEC-DB802 Datasheet
405Kb / 2P
8 AMP SILICON BRIDGE RECTIFIERS
DB804 DEC-DB804 Datasheet
405Kb / 2P
8 AMP SILICON BRIDGE RECTIFIERS
More results

Similar Description - DB839

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HRLA-C1ML-06-PJ HIROSE-HRLA-C1ML-06-PJ Datasheet
104Kb / 2P
Optical Variable Attenuators
logo
Merrimac Industries, In...
AR-1 MERRIMAC-AR-1 Datasheet
244Kb / 2P
VARIABLE ATTENUATORS, MANUAL
ARC-1 MERRIMAC-ARC-1 Datasheet
247Kb / 2P
VARIABLE ATTENUATORS, MANUAL
logo
JDS Uniphase Corporatio...
VSA-0CNHC10NC JDSU-VSA-0CNHC10NC Datasheet
134Kb / 3P
Variable Slope Attenuators
logo
BOWEI Integrated Circui...
HE411A BOWEI-HE411A Datasheet
65Kb / 1P
Voltage Variable Attenuators
HE411B BOWEI-HE411B Datasheet
68Kb / 1P
Voltage Variable Attenuators
HE891A BOWEI-HE891A Datasheet
86Kb / 1P
Voltage Variable Attenuators
HE892 BOWEI-HE892 Datasheet
71Kb / 1P
Voltage Variable Attenuators
HE893 BOWEI-HE893 Datasheet
78Kb / 1P
Voltage Variable Attenuators
logo
Qualwave Inc. All right...
QCA1 QUALWAVE-QCA1 Datasheet
144Kb / 1P
Continuously Variable Attenuators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com