Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX797C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX797C/D
Description  Step-Down Controllers with Synchronous Rectifier for CPU Power
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX797C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX797C/D Datasheet HTML 5Page - Maxim Integrated Products MAX797C/D Datasheet HTML 6Page - Maxim Integrated Products MAX797C/D Datasheet HTML 7Page - Maxim Integrated Products MAX797C/D Datasheet HTML 8Page - Maxim Integrated Products MAX797C/D Datasheet HTML 9Page - Maxim Integrated Products MAX797C/D Datasheet HTML 10Page - Maxim Integrated Products MAX797C/D Datasheet HTML 11Page - Maxim Integrated Products MAX797C/D Datasheet HTML 12Page - Maxim Integrated Products MAX797C/D Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Step-Down Controllers with
Synchronous Rectifier for CPU Power
_______________________________________________________________________________________
9
______________________________________________________________Pin Description
Current-Sense input, High side. Current-limit level is 100mV referred to CSL.
CSH
8
Current-Sense input, Low side. Also serves as the feedback input in fixed-output modes.
CSL
9
Battery voltage input (4.5V to 30V). Bypass V+ to PGND close to the IC with a 0.1µF capacitor. Connects to a
linear regulator that powers VL.
V+
10
5V Internal linear-regulator output. VL is also the supply voltage rail for the chip. VL is switched to the output
voltage via CSL (VCSL > 4.5V) for automatic bootstrapping. Bypass to GND with 4.7µF. VL can
supply up to 5mA for external loads.
VL
11
Power Ground.
PGND
12
Low-noise analog Ground and feedback reference point.
GND
4
Oscillator Synchronization and frequency select. Tie to GND or VL for 150kHz operation; tie to REF for
300kHz operation. A high-to-low transition begins a new cycle. Drive SYNC with 0V to 5V logic levels (see the
Electrical Characteristics table for VIH and VIL specifications). SYNC capture range is 190kHz to 340kHz
guaranteed.
SYNC
5
Shutdown control input, active low. Logic threshold is set at approximately 1V (VTH of an internal N-channel
MOSFET). Tie SHDN to V+ for automatic start-up.
SHDN
6
Feedback input. Regulates at FB = REF (approximately 2.505V) in adjustable mode. FB is a Dual-ModeTM
input that also selects the fixed output voltage settings as follows:
• Connect to GND for 3.3V operation.
• Connect to VL for 5V operation.
• Connect FB to a resistor divider for adjustable mode. FB can be driven with +5V rail-to-rail logic in order to
change the output voltage under system control.
FB
7
Reference voltage output. Bypass to GND with 0.33µF minimum.
REF
3
PIN
Secondary winding Feedback input. Normally connected to a resistor divider from an auxiliary output.
Don’t leave SECFB unconnected.
• MAX796: SECFB regulates at VSECFB = 2.505V. Tie to VL if not used.
• MAX799: SECFB regulates at VSECFB = 0V. Tie to a negative voltage through a high-value current-limit-
ing resistor (IMAX = 100µA) if not used.
SECFB
(MAX796/
MAX799)
2
Soft-Start timing capacitor connection. Ramp time to full current limit is approximately 1ms/nF.
SS
1
FUNCTION
NAME
Low-side gate-drive output. Normally drives the synchronous-rectifier MOSFET. Swings 0V to VL.
DL
13
Boost capacitor connection for high-side gate drive (0.1µF).
BST
14
Switching node (inductor) connection. Can swing 2V below ground without hazard.
LX
15
High-side gate-drive output. Normally drives the main buck switch. DH is a floating driver output that swings
from LX to BST, riding on the LX switching-node voltage.
DH
16
Dual Mode is a trademark of Maxim Integrated Products.
Disables pulse-skipping mode when high. Connect to GND for normal use. Don’t leave SKIP unconnected.
With SKIP grounded, the device will
automatically change from pulse-skipping operation to full PWM opera-
tion when the load current exceeds approximately 30% of maximum. (See Table 3.)
SKIP
(MAX797)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com