Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX797C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX797C/D
Description  Step-Down Controllers with Synchronous Rectifier for CPU Power
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX797C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX797C/D Datasheet HTML 1Page - Maxim Integrated Products MAX797C/D Datasheet HTML 2Page - Maxim Integrated Products MAX797C/D Datasheet HTML 3Page - Maxim Integrated Products MAX797C/D Datasheet HTML 4Page - Maxim Integrated Products MAX797C/D Datasheet HTML 5Page - Maxim Integrated Products MAX797C/D Datasheet HTML 6Page - Maxim Integrated Products MAX797C/D Datasheet HTML 7Page - Maxim Integrated Products MAX797C/D Datasheet HTML 8Page - Maxim Integrated Products MAX797C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Step-Down Controllers with
Synchronous Rectifier for CPU Power
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 15V, GND = PGND = 0V, IVL = IREF = 0A, TA = -40°C to +85°C for MAX79_E, unless otherwise noted.) (Note 3)
Note 3: All -40°C to +85°C specifications above are guaranteed by design.
External resistor divider
0mV < (CSH - CSL) < 80mV, FB = VL, 4.5V < V+ < 30V,
includes line and load regulation
0mV < (CSH - CSL) < 80mV, FB = VL, 6V < V+ < 30V,
includes line and load regulation
CONDITIONS
V
REF
6.0
Nominal Adjustable Output
Voltage Range
V
3.10
3.35
3.56
3.3V Output Voltage (CSL)
V
5.0
30
Input Supply Range
V
4.70
5.10
5.40
5V Output Voltage (CSL)
UNITS
MIN
TYP
MAX
PARAMETER
CSH - CSL, negative
(CSH-CSL) = 0V
6V < V+ < 30V
CSH - CSL, positive
-40
-100
-160
Current-Limit Voltage
V
2.40
2.60
Feedback Voltage
%/V
0.04
0.06
Line Regulation
mV
70
130
FB = CSH = CSL = 6V, VL switched over to CSL
SHDN = 0V, V+ = 30V, CSL = 0V or 6V
Rising edge, hysteresis = 25mV
No external load (Note 1)
0µA < IREF < 100µA
µA
1
10
V+ Off-State Leakage Current
µA
1
10
V+ Shutdown Current
V
Rising edge, hysteresis = 15mV
SHDN = 2V, 0mA < IVL < 25mA, 5.5V < V+ < 30V
4.2
4.7
VL/CSL Switchover Voltage
V
2.43
2.505
2.57
Reference Output Voltage
Falling edge, hysteresis = 15mV (MAX796)
Falling edge, hysteresis = 20mV (MAX799)
mV
50
Reference Load Regulation
V
3.75
4.05
VL Fault Lockout Voltage
V
4.7
5.3
VL Output Voltage
2.40
2.60
V
-0.08
0.08
SECFB Regulation Setpoint
SYNC = REF
SYNC = 0V or 5V
89
91
kHz
210
320
Oscillator Sync Range
kHz
SYNC = REF
120
150
180
Oscillator Frequency
ns
250
SYNC High Pulse Width
ns
250
SYNC Low Pulse Width
250
300
350
mW
4.8
8.4
Quiescent Power Consumption
High or low, BST - LX = 4.5V
High or low
SYNC = 0V or 5V
Ω
7
DH On-Resistance
Ω
7
DL On-Resistance
%
93
96
Maximum Duty Cycle
+3.3V and +5V STEP-DOWN CONTROLLERS
FLYBACK/PWM CONTROLLER
INTERNAL REGULATOR AND REFERENCE
OSCILLATOR AND INPUTS/OUTPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com