Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX797C/D Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # MAX797C/D
Description  Step-Down Controllers with Synchronous Rectifier for CPU Power
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX797C/D Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button MAX797C/D Datasheet HTML 24Page - Maxim Integrated Products MAX797C/D Datasheet HTML 25Page - Maxim Integrated Products MAX797C/D Datasheet HTML 26Page - Maxim Integrated Products MAX797C/D Datasheet HTML 27Page - Maxim Integrated Products MAX797C/D Datasheet HTML 28Page - Maxim Integrated Products MAX797C/D Datasheet HTML 29Page - Maxim Integrated Products MAX797C/D Datasheet HTML 30Page - Maxim Integrated Products MAX797C/D Datasheet HTML 31Page - Maxim Integrated Products MAX797C/D Datasheet HTML 32Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Step-Down Controllers with
Synchronous Rectifier for CPU Power
______________________________________________________________________________________
29
MAX797
CSL
CSH
VL
SYNC
REF
GND
TO
VL
V+
Q1
Q2
FB
1000pF
R1
63.4k
0.1%
R2
200k
0.1%
10k
OUTPUT
3.3V ±1.8%
REMOTE
SENSE
POINT
BST
DH
LX
DL
PGND
SKIP
SS
SHDN
INPUT
4.7
µF
0.33
µF
0.01
µF
RSENSE
VOUT
USE EXTERNAL REFERENCE
(MAX872) FOR BETTER ACCURACY.
ADJUST RANGE = 2.5V TO 4V AS SHOWN.
OMIT R2 FOR VOUT = 2.5V.
= VREF (1 + –––)
R1
R2
L1
MAX495
51k
5%
200k
5%
51k
5%
Figure 18. High-Accuracy Adjustable-Output Application
MAX797
CSL
CSH
VL
1N5819
SYNC
REF
GND
V+
Si9410
Si9410
FB
-5V AT 1.5A
BST
DH
LX
DL
PGND
SKIP
INPUT
4.5V TO 25V
SHDN
0.33
µF
0.1
µF
4.7
µF
22
µF
22
µF
1N4148
L1
0.025
Ω
150
µF 150µF
L1 = DALE LPE6562-A093
Figure 19. Negative-Output (Inverting Topology) Power Supply
____________________________________________Application Circuits (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com