Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX797C/D Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX797C/D
Description  Step-Down Controllers with Synchronous Rectifier for CPU Power
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX797C/D Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX797C/D Datasheet HTML 17Page - Maxim Integrated Products MAX797C/D Datasheet HTML 18Page - Maxim Integrated Products MAX797C/D Datasheet HTML 19Page - Maxim Integrated Products MAX797C/D Datasheet HTML 20Page - Maxim Integrated Products MAX797C/D Datasheet HTML 21Page - Maxim Integrated Products MAX797C/D Datasheet HTML 22Page - Maxim Integrated Products MAX797C/D Datasheet HTML 23Page - Maxim Integrated Products MAX797C/D Datasheet HTML 24Page - Maxim Integrated Products MAX797C/D Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Step-Down Controllers with
Synchronous Rectifier for CPU Power
______________________________________________________________________________________
21
These equations are “worst-case” with 45 degrees of
phase margin to ensure jitter-free fixed-frequency opera-
tion and provide a nicely damped output response for
zero to full-load step changes. Some cost-conscious
designers may wish to bend these rules by using less
expensive (lower quality) capacitors, particularly if the
load lacks large step changes. This practice is tolerable,
provided that some bench testing over temperature is
done to verify acceptable noise and transient response.
There is no well-defined boundary between stable and
unstable operation. As phase margin is reduced, the
first symptom is a bit of timing jitter, which shows up as
blurred edges in the switching waveforms where the
scope won’t quite sync up. Technically speaking, this
(usually) harmless jitter is unstable operation, since the
switching frequency is now non-constant. As the
capacitor quality is reduced, the jitter becomes more
pronounced and the load-transient output voltage
waveform starts looking ragged at the edges.
Eventually, the load-transient waveform has enough
ringing on it that the peak noise levels exceed the
allowable output voltage tolerance. Note that even with
zero phase margin and gross instability present, the
output voltage noise never gets much worse than IPEAK
x RESR (under constant loads, at least).
Designers of RF communicators or other noise-sensi-
tive analog equipment should be conservative and
stick to the guidelines. Designers of notebook comput-
ers and similar commercial-temperature-range digital
systems can multiply the RESR value by a factor of 1.5
without hurting stability or transient response.
The output voltage ripple is usually dominated by the
ESR of the filter capacitor and can be approximated as
IRIPPLE x RESR. There is also a capacitive term, so the
full equation for ripple in the continuous mode is
VNOISE(p-p) = IRIPPLE x (RESR + 1 / (2 x pi x f x CF)). In
idle mode, the inductor current becomes discontinuous
with high peaks and widely spaced pulses, so the
noise can actually be higher at light load compared to
full load. In idle mode, the output ripple can be calcu-
lated as:
0.02 x RESR
VNOISE(p-p) = —————— +
RSENSE
0.0003 x L x [1 / VOUT + 1 / (VIN - VOUT)]
———————————————————
(RSENSE)2 x CF
Transformer Design
(MAX796/MAX799 Only)
Buck-plus-flyback applications, sometimes called “cou-
pled-inductor” topologies, need a transformer in order to
generate multiple output voltages. The basic electrical
design is a simple task of calculating turns ratios and
adding the power delivered to the secondary in order to
calculate the current-sense resistor and primary induc-
tance. However, extremes of low input-output differen-
tials, widely different output loading levels, and high turns
ratios can complicate the design due to parasitic trans-
former parameters such as inter-winding capacitance,
secondary resistance, and leakage inductance. For
examples of what is possible with real-world transformers,
see the graphs of Maximum Secondary Current vs. Input
Voltage in the
Typical Operating Characteristics.
Power from the main and secondary outputs is lumped
together to obtain an equivalent current referred to the
main output voltage (see Inductor L1 for definitions of
parameters). Set the value of the current-sense resistor
at 80mV / ITOTAL.
PTOTAL = the sum of the output power from all outputs
ITOTAL = PTOTAL / VOUT = the equivalent output cur-
rent referred to VOUT
VOUT (VIN(MAX) - VOUT)
L(primary) = —————————————
VIN(MAX) x f x ITOTAL x LIR
VSEC + VFWD
Turns Ratio N = ——————————————
VOUT(MIN) + VRECT + VSENSE
where: VSEC is the minimum required rectified sec-
ondary-output voltage
VFWD is the forward drop across the secondary
rectifier
VOUT(MIN) is the minimum value of the main
output voltage (from the
Electrical
Characteristics)
VRECT is the on-state voltage drop across the
synchronous-rectifier MOSFET
VSENSE is the voltage drop across the sense
resistor
In positive-output (MAX796) applications, the trans-
former secondary return is often referred to the main
output voltage rather than to ground in order to reduce
the needed turns ratio. In this case, the main output
voltage must first be subtracted from the secondary
voltage to obtain VSEC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com