Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX797C/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX797C/D
Description  Step-Down Controllers with Synchronous Rectifier for CPU Power
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX797C/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX797C/D Datasheet HTML 1Page - Maxim Integrated Products MAX797C/D Datasheet HTML 2Page - Maxim Integrated Products MAX797C/D Datasheet HTML 3Page - Maxim Integrated Products MAX797C/D Datasheet HTML 4Page - Maxim Integrated Products MAX797C/D Datasheet HTML 5Page - Maxim Integrated Products MAX797C/D Datasheet HTML 6Page - Maxim Integrated Products MAX797C/D Datasheet HTML 7Page - Maxim Integrated Products MAX797C/D Datasheet HTML 8Page - Maxim Integrated Products MAX797C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Step-Down Controllers with
Synchronous Rectifier for CPU Power
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = 15V, GND = PGND = 0V, IVL = IREF = 0A, TA = 0°C to +70°C for MAX79_C, TA = 0°C to +85°C for MAX79_E,
TA = -55°C to +125°C for MAX79_M, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+ to GND .................................................................-0.3V, +36V
GND to PGND........................................................................±2V
VL to GND ...................................................................-0.3V, +7V
BST to GND ...............................................................-0.3V, +36V
DH to LX...........................................................-0.3V, BST + 0.3V
LX to BST.....................................................................-7V, +0.3V
SHDN to GND............................................................-0.3V, +36V
SYNC, SS, REF, FB, SECFB, SKIP, DL to GND..-0.3V, VL + 0.3V
CSH, CSL to GND .......................................................-0.3V, +7V
VL Short Circuit to GND..............................................Momentary
REF Short Circuit to GND ...........................................Continuous
VL Output Current ...............................................................50mA
Continuous Power Dissipation (TA = +70°C)
SO (derate 8.70mW/°C above +70°C) ........................696mW
Plastic DIP (derate 10.53mW/°C above +70°C) .........842mW
CERDIP (derate 10.00mW/°C above +70°C) ..............800mW
Operating Temperature Ranges
MAX79_C_ _ ......................................................0°C to +70°C
MAX79_E_ _....................................................-40°C to +85°C
MAX79_MJE .................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
Rising edge, hysteresis = 25mV
Rising edge, hysteresis = 15mV
SHDN = 2V, 0mA < IVL < 25mA, 5.5V < V+ < 30V
Falling edge, hysteresis = 20mV (MAX799)
CSH-CSL, negative
CSH-CSL, positive
Falling edge, hysteresis = 15mV (MAX796)
6V < V+ < 30V
25mV < (CSH-CSL) < 80mV
0mV < (CSH-CSL) < 80mV, FB = VL, 6V < V+ < 30V,
includes line and load regulation
External resistor divider
(CSH-CSL) = 0V
0mV < (CSH-CSL) < 80mV
CONDITIONS
V
4.2
4.7
VL/CSL Switchover Voltage
V
3.8
4.1
VL Fault Lockout Voltage
V
4.7
5.3
VL Output Voltage
-0.05
0
0.05
V
2.45
2.505
2.55
SECFB Regulation Setpoint
mA
2.0
SS Fault Sink Current
µA
2.5
4.0
6.5
SS Source Current
5.0
30
V
4.5
30
Input Supply Range
-50
-100
-160
mV
80
100
120
Current-Limit Voltage
%/V
0.04
0.06
Line Regulation
1.5
V
4.85
5.10
5.25
5V Output Voltage (CSL)
V
REF
6
Nominal Adjustable Output
Voltage Range
V
2.43
2.505
2.57
Feedback Voltage
%
2.5
Load Regulation
UNITS
MIN
TYP
MAX
PARAMETER
MAX79_C
MAX79_E/M
0mV < (CSH-CSL) < 80mV, FB = 0V, 4.5V < V+ < 30V,
includes line and load regulation
V
3.20
3.35
3.46
3.3V Output Voltage (CSL)
+3.3V AND +5V STEP-DOWN CONTROLLERS
FLYBACK/PWM CONTROLLER
INTERNAL REGULATOR AND REFERENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com