Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX797C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX797C/D
Description  Step-Down Controllers with Synchronous Rectifier for CPU Power
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX797C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX797C/D Datasheet HTML 6Page - Maxim Integrated Products MAX797C/D Datasheet HTML 7Page - Maxim Integrated Products MAX797C/D Datasheet HTML 8Page - Maxim Integrated Products MAX797C/D Datasheet HTML 9Page - Maxim Integrated Products MAX797C/D Datasheet HTML 10Page - Maxim Integrated Products MAX797C/D Datasheet HTML 11Page - Maxim Integrated Products MAX797C/D Datasheet HTML 12Page - Maxim Integrated Products MAX797C/D Datasheet HTML 13Page - Maxim Integrated Products MAX797C/D Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Step-Down Controllers with
Synchronous Rectifier for CPU Power
10
______________________________________________________________________________________
______Standard Application Circuit
It is easy to adapt the basic MAX797 single-output 3.3V
buck converter (Figure 1) to meet a wide range of
applications with inputs up to 28V (limited by choice of
external MOSFET). Simply substitute the appropriate
components from Table 1. These circuits represent a
good set of tradeoffs between cost, size, and efficiency
while staying within the worst-case specification limits
for stress-related parameters such as capacitor ripple
current. Each of these circuits is rated for a continuous
load current at TA = +85°C, as shown. The 1A, 2A and
10A applications can withstand a continuous output
short-circuit to ground. The 3A and 5A applications can
withstand a short circuit of many seconds duration, but
the synchronous-rectifier MOSFET overheats, exceed-
ing the manufacturer’s ratings for junction temperature
by 50°C or more.
If the 3A or 5A circuit must be guaranteed to withstand
a continuous output short circuit indefinitely, see the
section
MOSFET Switches under Selecting Other
Components. Don’t change the frequency of these cir-
cuits without first recalculating component values (par-
ticularly inductance value at maximum battery voltage).
_______________Detailed Description
The MAX796 is a BiCMOS, switch-mode power-supply
controller designed primarily for buck-topology regula-
tors in battery-powered applications where high effi-
ciency and low quiescent supply current are critical.
The MAX796 also works well in other topologies such
as boost, inverting, and CLK due to the flexibility of its
floating high-speed gate driver. Light-load efficiency is
enhanced by automatic idle-mode operation—a vari-
able-frequency pulse-skipping mode that reduces
MAX797
CSL
CSH
VL
SYNC
FB
V+
10
11
5
7
14
Q1
Q2
16
15
13
D2
CMPSH-3
J1
150kHz/300kHz
JUMPER
NOTE: KEEP CURRENT-SENSE
LINES SHORT AND CLOSE
TOGETHER. SEE FIG. 10
D1
12
8
9
REF
3
GND
4
+5V AT
5mA
+3.3V
OUTPUT
GND
OUT
BST
DH
LX
DL
2
1
LOW-NOISE
CONTROL
PGND
SKIP
SS
6
ON/OFF
CONTROL
SHDN
INPUT
REF OUTPUT
+2.505V AT 100
µA
C5
0.33
µF
C4
4.7
µF
C7
0.1
µF
C6
0.01
µF
(OPTIONAL)
C1
C2
C3
0.1
µF
R1
L1
Figure 1. Standard 3.3V Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com