Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M4334G-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # M4334G-S08-R
Description  STEREO AUDIO D/A CONVERTER 24BITS,96KHZ SAMPLING
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M4334G-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  M4334G-S08-R Datasheet HTML 1Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 2Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 3Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 4Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 5Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 6Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 7Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 8Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
M4334
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 9
www.unisonic.com.tw
QW-R502-441A
PIN CONFIGURATIONS
PIN DESCRIPTION
PIN NO
PIN NAME
PIN TYPE
PIN DESCRIPTION
1
SDATA
I
Serial audio data input: two’s complement MSB-first serial data is input on
this pin. The data is clocked into the M4334 via internal or external SCLK,
and the channel is determined by LRCK.
2
DEM/SCLK
I
De-emphasis control and clock input for audio data: used for de-emphasis
filter control or external serial clock input.
3
LRCK
I
Sample rata clock input: determines which channel is currently being input
on the audio serial data input pin.
4
MCLK
I
System clock input: frequency must be 256x, 384x, or 512x the input
sample rate in BRM and either 128x or 192x the input sample rate in HRM.
5
AOUTR
O
Right-channel analog output
6
AGND
I
Ground pin
7
VA
I
Power supply pin for the internal control circuits
8
AOUTL
O
Left-channel analog output



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com