Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M4334G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # M4334G-S08-R
Description  STEREO AUDIO D/A CONVERTER 24BITS,96KHZ SAMPLING
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M4334G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  M4334G-S08-R Datasheet HTML 1Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 2Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 3Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 4Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 5Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 6Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 7Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 8Page - Unisonic Technologies M4334G-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
M4334
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-441A
STEREO AUDIO D/A
CONVERTER 24BITS,96KHZ
SAMPLING
DESCRIPTION
The UTC M4334 is a complete low cost stereo audio digital to
analog converter(DAC), its contains interpolation, 1-bit D/A conversion
and analog output filtering. The M4334 is based on a 4th order Δ-Σ
modulation, where the modulator output controls the reference voltage
input to an ultra-liner analog low-pass filter. This architecture allows
for infinite adjustment of sample rate between 2 kHz and 100 kHz
simply by changing the master clock frequency.
The M4334 also contains digital de-emphasis function, operates
from a single +5V power supply, for best performance, decoupling
capacitors should be located as close to the device package as
possible with the smallest capacitor closest,
the M4334 requires
minimal support circuitry.
The M4334 is ideal for DVD players, set-top boxes, SVCD
players and A/V receivers.
FEATURES
* Complete stereo DAC: Includes Output Analog Filter and DAC
* Dynamic Range: 96dB
* THD+N: -88dB
* Multiple Sampling Frequencies: 16kHz to 96kHz
* Low Clock Jitter Sensitivity
* Single Power Supply: 5V
* Filtered Line Level Outputs
* On-Chip Digital De-emphasis
* Normal or I2S Data Input Formats
* 24Bits Conversion
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
M4334G-S08-R
SOP-8
Tape Reel


Similar Part No. - M4334G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M4334G-S08-R UTC-M4334G-S08-R Datasheet
248Kb / 9P
STEREO AUDIO D/A CONVERTER 24BITS,96KHZ SAMPLING
More results

Similar Description - M4334G-S08-R

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1725 BURR-BROWN-PCM1725 Datasheet
131Kb / 9P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling
PCM1733 BURR-BROWN-PCM1733 Datasheet
129Kb / 9P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER 18 Bits, 96kHz Sampling
PCM1744 BURR-BROWN-PCM1744 Datasheet
83Kb / 9P
24 Bits, 96kHz, Sampling Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1726 BURR-BROWN-PCM1726 Datasheet
132Kb / 9P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling
logo
Asahi Kasei Microsystem...
AKD5357-B AKM-AKD5357-B Datasheet
168Kb / 20P
digital audio 24bit 96kHz A/D converter
AKD5365 AKM-AKD5365_06 Datasheet
330Kb / 37P
digital audio 24bit 96kHz A/D converter
logo
Unisonic Technologies
M1725 UTC-M1725 Datasheet
221Kb / 10P
16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
M4334 UTC-M4334 Datasheet
248Kb / 9P
STEREO AUDIO D/A CONVERTER 24BITS,96KHZ SAMPLING
logo
Texas Instruments
PCM1744U TI1-PCM1744U Datasheet
269Kb / 13P
24 Bits, 96kHz, Sampling Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Unisonic Technologies
M1725 UTC-M1725_15 Datasheet
221Kb / 10P
16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com